Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.46.001.057-0209 Datasheet(PDF) 3 Page - C&K Components

Part # 5.46.001.057-0209
Description  PCB Keyswitches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

5.46.001.057-0209 Datasheet(HTML) 3 Page - C&K Components

  5.46.001.057-0209 Datasheet HTML 1Page - C&K Components 5.46.001.057-0209 Datasheet HTML 2Page - C&K Components 5.46.001.057-0209 Datasheet HTML 3Page - C&K Components 5.46.001.057-0209 Datasheet HTML 4Page - C&K Components 5.46.001.057-0209 Datasheet HTML 5Page - C&K Components 5.46.001.057-0209 Datasheet HTML 6Page - C&K Components 5.46.001.057-0209 Datasheet HTML 7Page - C&K Components 5.46.001.057-0209 Datasheet HTML 8Page - C&K Components 5.46.001.057-0209 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
4 - 4
PCB Keyswitches
4
PCB Keyswitches
CE-Conformity
The products of the Chapter ”PCB Keyswitches” can –
relating to the CE-conformity according to the Low-
Voltage Directive 73/23/EWG – be divided into the
following groups:
All products with an operating voltage UB > 50 V
F. ex. Short-Travel Main Switch KN 19, for this product the
Low-Voltage Directive 73/23/EWG applies.
All products with an operating volltage UB < 50 V
F. ex. RACON, RF 15, RS 76, for these components no
directive applies.
Single parts, accessories and illumination
No directive applies for these products.
EMC-Law
The components of this catalogue are within the meaning
of the law concerning the electromagnetic conformity (=
EMC-Law) ”basic components as, for ex., switches, signal
lamps or like” and, therefore, do not fall within the scope
of the EMC-Law.
Declarations of Conformity
Declarations of conformity for all concerned products are
available and can be delivered upon request. Please
always state the exact order reference of the respective
product.
Marking
The marking will be corresponding to the Low-Voltage
Directive 73/23/EWG resp. the Directive ”CE-Marking
93/68/EWG” either on the packing or on the product itself
or on the shipping documents.
UL-approval
for
RACON 8/12, KN 19 and
Short-Travel Keyswitches RF 15/19
The Short-Travel Main Switch KN 19 and data entry
systems wich are built with Rafi short-travel switches
according to our design proposals meet the requirements
of the UL approbals for the American market.
UL file no. for KN 19:
E 116362
UL file no. for data entry systems: E 202520
Examples for Applications Standards
RF 15
RG 85 III System
RF 15 with RK 90 System


Similar Part No. - 5.46.001.057-0209

ManufacturerPart #DatasheetDescription
logo
C&K Components
5.46.001.057/0209 CK-COMPONENTS-5.46.001.057/0209 Datasheet
687Kb / 19P
   PCB Keyswitches
More results

Similar Description - 5.46.001.057-0209

ManufacturerPart #DatasheetDescription
logo
C&K Components
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
3.14.100.001-0000 CK-COMPONENTS-3.14.100.001-0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
Grayhill, Inc
87CC3-201 GRAYHILL-87CC3-201 Datasheet
710Kb / 5P
   1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
logo
Shanghai Leiditech Elec...
LM0603N103F3435FA LEIDITECH-LM0603N103F3435FA Datasheet
1Mb / 12P
   PCB
logo
Shenzhenshi YONGFUKANG ...
CS8623E YONGFUKANG-CS8623E Datasheet
4Mb / 15P
   PCB
logo
List of Unclassifed Man...
L90 ETC2-L90 Datasheet
84Kb / 1P
   PCB
logo
Shanghai Leiditech Elec...
LM0402N103J4050FB LEIDITECH-LM0402N103J4050FB Datasheet
1Mb / 12P
   PCB
LM0603NH103F3380FB LEIDITECH-LM0603NH103F3380FB Datasheet
1Mb / 10P
   PCB
logo
MolexKits
76650-0233 MOLEXKITS-76650-0233 Datasheet
21Kb / 3P
   PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com