Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495D227M010ATE100 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T495D227M010ATE100
Description  (Low ESR, Surge Robust) 10 pcs.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495D227M010ATE100 Datasheet(HTML) 4 Page - Kemet Corporation

  T495D227M010ATE100 Datasheet HTML 1Page - Kemet Corporation T495D227M010ATE100 Datasheet HTML 2Page - Kemet Corporation T495D227M010ATE100 Datasheet HTML 3Page - Kemet Corporation T495D227M010ATE100 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design a KEMET Tantalum Chip into
Your Next project . . . .
KEMET is offering seven Tantalum Chip Engineering Kits to meet your diverse design needs for the future.
KEMET’s line of Engineering Kits for Tantalum Chips will include two T495, T510 Low ESR Kits, two Low ESR
Polymer T520, T528, T530, A700 Kits, one High Temperature T498 and T499 Kit, one T491 Standard Kit and
one Low Profile, Small Case Size Kit.
Our current tantalum engineering kit offering includes the following categories:
TAN ENG KIT 04 - T495, T510 Low ESR, Surge Robust
TAN ENG KIT 08 - T520, T530, A700 - Low ESR polymer
TAN ENG KIT 09 - T498, T499 High Temperature
New TAN ENG KIT 10 - T491 Standard
New TAN ENG KIT 11 - T491, T494, T520, T528 Low Profile, Small Case
New TAN ENG KIT 12 - T495, T510 Low ESR, Surge Robust
New TAN ENG KIT 13 - T520, T528, T530, A700 Low ESR, Polymer
Each Tantalum engineering Kit contains Tantalum Surface Mount parts - 10 pieces for each part number in a
strip of carrier tape clearly labeled with the KEMET part number. Also included with the Engineering Kit will
be a Surface mount catalog with outline drawings, dimensions, marking format, recommended mounting pad
dimensions, and ordering information.
Experience the quality and performance of KEMET surface mount capacitors. Order one of KEMET’s Tanta-
lum Chip Kits and see how our finest surface mount devices handle your most challenging application now
and in the future. All Engineering Kits are available through KEMET and your local distributor. A complete
listing of all part numbers for each kit is available in this brochure.
F3217G 6/08
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Kit Part Number: TAN ENG KIT 12 - T495, T510
(Low ESR, Surge Robust) 10 pcs.
KEMET Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
µF
Voltage
Cap
Tol.
ESR
100kHz
mW
T495C107M006ATE150
C
6032-28
100.0
6.3
±20%
150
T495D337M010ATE100
D
7343-31
330.0
10
±20%
100
T495X477M010ATE100
X
7343-43
470.0
10
±20%
100
T495V686M016ATE300
V
7343-20
68.0
16
±20%
300
T495D107M016ATE100
D
7343-31
100.0
16
±20%
100
T495X476M020ATE100
X
7343-43
47.0
20
±20%
100
T495D476M025ATE120
D
7343-31
47.0
25
±20%
120
T495X336M035ATE175
X
7343-43
33.0
35
±20%
175
T495X106M050ATE250
X
7343-43
10.0
50
±20%
250
T510X687M004ATE030
X
7343-43
680.0
4
±20%
30
T510E687M006ATE023
E
7260-38
680.0
6.3
±20%
23
T510X107M020ATE045
X
7343-43
100.0
20
±20%
45
T510X476M035ATE055
X
7343-43
47.0
35
±20%
55
T510X106M050ATE090
X
7343-43
10.0
50
±20%
90
Kit Part Number: TAN ENG KIT 13 - T520, T528, T530, A700
(Low ESR, Polymer) 10 pcs.
KEMET Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
µF
Voltage
Cap
Tol.
ESR
100kHz
mW
T520D337M2R5ATE007
D
7343-31
330.0
2.5
±20%
7
T520B686M004ATE040
B
3528-21
68.0
4
±20%
40
T520V227M004ATE007
V
7343-20
220.0
4
±20%
7
T520Y687M004ATE015
Y
7343-40
680.0
4
±20%
15
T520A226M006ATE100
A
3216-18
22.0
6.3
±20%
100
T520T476M006ATE070
T
3528-12
47.0
6.3
±20%
70
T520B336M006ATE070
B
3528-21
33.0
6.3
±20%
70
T520V157M006ATE015
V
7343-20
150.0
6.3
±20%
15
T520D337M006ATE040
D
7343-31
330.0
6.3
±20%
40
T520X337M010ATE025
X
7343-43
330.0
10
±20%
25
T520W476M016ATE045
W
7343-15
47.0
16
±20%
45
T528I476M006ATE150
I
3216-10
47.0
6.3
±20%
150
T528I336M010ATE150
I
3216-10
33.0
10
±20%
150
T530X158M2R5ATE005
X
7343-43
1500.0
2.5
±20%
5
T530Y687M004ATE005
X
7343-40
680.0
4
±20%
5
A700V476M006ATE025
V
7343-20
47.0
6.3
±20%
25
A700D107M006ATE015
D
7343-31
100.0
6.3
±20%
15
A700X157M006ATE010
X
7343-43
150.0
6.3
±20%
10
A700V106M016ATE045
V
7343-20
10.0
16
±20%
45
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com


Similar Part No. - T495D227M010ATE100

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T495D227M006AS CDE-T495D227M006AS Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
T495D227M006AT CDE-T495D227M006AT Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
logo
Kemet Corporation
T495D227M006ATE100 KEMET-T495D227M006ATE100 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 220 uF, 20%, 6.3 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, Height Max = 3.1mm
logo
Cornell Dubilier Electr...
T495D227M035AS CDE-T495D227M035AS Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
T495D227M035AT CDE-T495D227M035AT Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
More results

Similar Description - T495D227M010ATE100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T495B106K025ZTE750 KEMET-T495B106K025ZTE750 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 10 uF, 3528, /-10% Tol, 25V@85C
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X107K020ZTE150 KEMET-T495X107K020ZTE150 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
T495C107K016ZTE200 KEMET-T495C107K016ZTE200 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
B45197A3227K509 KEMET-B45197A3227K509 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com