Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.14.200.735-0000 Datasheet(PDF) 1 Page - C&K Components

Part # 3.14.200.735-0000
Description  RF short-travel keyswitches
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

3.14.200.735-0000 Datasheet(HTML) 1 Page - C&K Components

  3.14.200.735-0000 Datasheet HTML 1Page - C&K Components 3.14.200.735-0000 Datasheet HTML 2Page - C&K Components 3.14.200.735-0000 Datasheet HTML 3Page - C&K Components 3.14.200.735-0000 Datasheet HTML 4Page - C&K Components 3.14.200.735-0000 Datasheet HTML 5Page - C&K Components 3.14.200.735-0000 Datasheet HTML 6Page - C&K Components 3.14.200.735-0000 Datasheet HTML 7Page - C&K Components 3.14.200.735-0000 Datasheet HTML 8Page - C&K Components 3.14.200.735-0000 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
RF 15 short-travel keyswitch
4 - 26
RF 15 short-travel keyswitch, non-illuminated
4 - 28
RF 15 short-travel keyswitch, fully illuminated with 2 LEDs
4 - 29
RF 15 short-travel keyswitch, 1 LED spot-illumination
4 - 30
RF 15 N short-travel keyswitch
4 - 32
RF 15 N short-travel keyswitch, non-illuminated
4 - 35
RF 15 R short-travel keyswitch
4 - 36
RF 15 R low short-travel keyswitch, non-illuminated
4 - 39
RF 15 R high short-travel keyswitch, non-illuminated
4 - 39
RF 15 R low short-travel keyswitch, 1 LED spot-illumination
4 - 40
RF 15 R high short-travel keyswitch, 1 LED spot-illumination
4 - 41
RF 15 H short-travel keyswitch
4 - 42
RF 15 H short-travel keyswitch, non-illuminated
4 - 44
RF 15 H short-travel keyswitch, fully illuminated
4 - 45
RF 15 signal indicator
4 - 46
RF 15 signal indicator, fully illuminated, 1 LED
4 - 48
RF 19 short-travel keyswitch
4 - 50
RF 19 short-travel keyswitch, non-illuminated
4 - 53
RF 19 short-travel keyswitch, fully illuminated with 2 LEDs
4 - 54
RF 19 short-travel keyswitch, 1 LED spot-illumination
4 - 55
RF 19 short-travel keyswitch, 1 NC + 1 NO
4 - 56
RF 19 short-travel keyswitch, non-illuminated
4 - 58
RF 19 H short-travel keyswitch
4 - 60
RF 19 H keyswitch, non-illuminated
4 - 63
RF 19 H short-travel keyswitch, fully illuminated
4 - 64
Stock items are marked
by bold printed order numbers.
PCB Keyswitches
4 - 23
4
RF
RF short-travel keyswitches
General data
RF 15 (15 x 15 mm) and RF 19 (19 x 19 mm) with distinct key click, for use under an overlay or with RK 90 keycaps. Can be
fully illuminated.
Content


Similar Part No. - 3.14.200.735-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
3.14.200.735/0000 CK-COMPONENTS-3.14.200.735/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
More results

Similar Description - 3.14.200.735-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
ITT Industries
KN19 ITT-KN19 Datasheet
168Kb / 4P
   Short-travel main switch
logo
C&K Components
5.46.167.042-0209 CK-COMPONENTS-5.46.167.042-0209 Datasheet
687Kb / 19P
   PCB Keyswitches
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
logo
TP-Link Technologies Co...
AC750 TP-LINK-AC750_V01 Datasheet
2Mb / 5P
   Wireless Travel Router
logo
ALPS ELECTRIC CO.,LTD.
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
logo
Molex Electronics Ltd.
130171-0317 MOLEX11-130171-0317 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EB Balancer with Short Travel for Cable Assembly
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
   1.5mm-travel Vertical Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com