Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5981AETE+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5981AETE+
Description  IEEE 802.3af/at-Compliant, Powered Device Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5981AETE+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5981AETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5981AETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5981AETE+ Datasheet HTML 9Page - Maxim Integrated Products MAX5981AETE+ Datasheet HTML 10Page - Maxim Integrated Products MAX5981AETE+ Datasheet HTML 11Page - Maxim Integrated Products MAX5981AETE+ Datasheet HTML 12Page - Maxim Integrated Products MAX5981AETE+ Datasheet HTML 13Page - Maxim Integrated Products MAX5981AETE+ Datasheet HTML 14Page - Maxim Integrated Products MAX5981AETE+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IEEE 802.3af/at-Compliant, Powered Device Interface
Controllers with Integrated Power MOSFET
______________________________________________________________________________________ 11
Detailed Description
Operating Modes
Depending on the input voltage (VIN = VDD - VSS), the
MAX5981 operates in four different modes: PD detec-
tion, PD classification, mark event, and PD power. The
devices enter PD detection mode when the input voltage
is between 1.4V and 10.1V. The device enters PD clas-
sification mode when the input voltage is between 12.6V
and 20V. The device enters PD power mode once the
input voltage exceeds VON.
Detection Mode (1.4V P VIN P 10.1V)
In detection mode, the power source equipment (PSE)
applies two voltages on VIN in the 1.4V to 10.1V
range (1V step minimum) and then records the current
measurements at the two points. The PSE then computes
DV/DI to ensure the presence of the 24.9kI signature
resistor. Connect the signature resistor (RDET) from VDD
to DET for proper signature detection. The MAX5981
pulls DET low in detection mode. DET goes high imped-
ance when the input voltage exceeds 12.5V. In detection
mode, most of the MAX5981 internal circuitry is off and
the offset current is less than 10µA.
If the voltage applied to the PD is reversed, install pro-
tection diodes at the input terminal to prevent internal
damage to the MAX5981 (see the Typical Application
Circuit). Since the PSE uses a slope technique (DV/DI) to
calculate the signature resistance, the DC offset due to
the protection diodes is subtracted and does not affect
the detection process.
Classification Mode (12.6V P VIN P 20V)
In the classification mode, the PSE classifies the PD
based on the power consumption required by the PD.
This allows the PSE to efficiently manage power distribu-
tion. Class 0–5 is defined as shown in Table 1. (The IEEE
802.3af/at standard defines only Class 0–4 and Class 5
for any special requirement.) An external resistor (RCLS)
connected from CLS to VSS sets the classification current.
The PSE determines the class of a PD by applying a volt-
age at the PD input and measuring the current sourced
out of the PSE. When the PSE applies a voltage between
12.6V and 20V, the MAX5981A/MAX5981B exhibit a cur-
rent characteristic with a value shown in Table 1. The
PSE uses the classification current information to classify
the power requirement of the PD. The classification cur-
rent includes the current drawn by RCLS and the supply
current of the MAX5981A/MAX5981B so the total current
drawn by the PD is within the IEEE 802.3af/at standard
figures. The classification current is turned off whenever
the device is in power mode.
2-Event Classification and Detection
During 2-Event classification, a Type 2 PSE probes PD
for classification twice. In the first classification event,
the PSE presents an input voltage between 12.6V and
20.5V and the MAX5981A/MAX5981B present the pro-
grammed load ICLASS. The PSE then drops the probing
voltage below the mark event threshold of 10.1V and
the MAX5981A/MAX5981B present the mark current
(IMARK). This sequence is repeated one more time.
When the MAX5981A/MAX5981B are powered by a Type
2 PSE, the 2-Event identification output 2EC asserts low
after the internal isolation n-channel MOSFET is fully
turned on. 2EC current sink is turned off when VDD goes
below the UVLO threshold (VOFF) and turns on when
VDD goes above the UVLO threshold (VON), unless
VDD goes below VTHR to reset the latched output of the
Table 1. Setting Classification Current
*VIN is measured across the MAX5981A/MAX5981B input VDD to VSS.
CLASS
MAXIMUM
POWER USED
BY PD
(W)
RCLS
(I)
VIN*
(V)
CLASS CURRENT SEEN AT
VIN (mA)
IEEE 802.3at PD
CLASSIFICATION CURRENT
SPECIFICATION (mA)
MIN
MAX
MIN
MAX
0
0.44 to 12.95
615
12.6 to 20
0
4
0
5
1
0.44 to 3.84
117
12.6 to 20
9
12
8
13
2
3.84 to 6.49
66.5
12.6 to 20
17
20
16
21
3
6.49 to 12.95
43.7
12.6 to 20
26
30
25
31
4
12.95 to 25.5
30.9
12.6 to 20
36
44
35
45
5
> 25.5
21.3
12.6 to 20
54
64
51
68


Similar Part No. - MAX5981AETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
MAX5980 MAXIM-MAX5980 Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5980AGTJ++ MAXIM-MAX5980AGTJ+ Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
More results

Similar Description - MAX5981AETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
Maxim Integrated Produc...
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5974AEVKIT MAXIM-MAX5974AEVKIT Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
MAX5974EEVKIT MAXIM-MAX5974EEVKIT Datasheet
1Mb / 10P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com