Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5982B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5982B
Description  IEEE 802.3af/at-Compliant, Powered Device Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5982B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5982B Datasheet HTML 1Page - Maxim Integrated Products MAX5982B Datasheet HTML 2Page - Maxim Integrated Products MAX5982B Datasheet HTML 3Page - Maxim Integrated Products MAX5982B Datasheet HTML 4Page - Maxim Integrated Products MAX5982B Datasheet HTML 5Page - Maxim Integrated Products MAX5982B Datasheet HTML 6Page - Maxim Integrated Products MAX5982B Datasheet HTML 7Page - Maxim Integrated Products MAX5982B Datasheet HTML 8Page - Maxim Integrated Products MAX5982B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IEEE 802.3af/at-Compliant, Powered Device Interface
Controllers with Integrated 70W High-Power MOSFET
4 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = (VDD - VSS) = 48V, RDET = 24.9kω, RCLS = 615ω, and RSL = 60.4kω. RTN, WAD, PG, 2EC, WK, and ULP unconnected, all
voltages are referenced to VSS, unless otherwise noted. TA = TJ = -40NC to +85NC, unless otherwise noted. Typical values are at
TA = +25NC.) (Note 3)
Note 3: All devices are 100% production tested at TA = +25NC. Limits over temperature are guaranteed by design.
Note 4: The input offset current is illustrated in Figure 1.
Note 5: Effective differential input resistance is defined as the differential resistance between VDD and VSS. See Figure 1.
Note 6: Classification current is turned off whenever the device is in power mode.
Note 7: UVLO hysteresis is guaranteed by design, not production tested.
Note 8: A 20V glitch on input voltage, which takes VDD below VON shorter than or equal to tOFF_DLY does not cause the
MAX5982A/MAX5982B/MAX5982C to exit power-on mode.
Note 9: Maximum current limit during normal operation is guaranteed by design; not production tested.
Note 10: In power mode, current-limit foldback is used to reduce the power dissipation in the isolation MOSFET during an
overload condition across VDD and RTN.
Figure 1. Effective Differential Input Resistance/Offset Current
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LED Current Programmable
Range
10
20
mA
LED Current with Grounded SL
VSL = 0V
20.5
24.5
28.5
mA
LED Current Frequency
fILED
Normal and ultra-low-power sleep modes
250
Hz
LED Current Duty Cycle
DILED
Normal and ultra-low-power sleep modes
25
%
VDD Current Amplitude
IVDD
Normal sleep mode, VLED = 3.5V
10
11
12.2
mA
Internal Current Duty Cycle
DIVDD
Normal and ultra-low-power sleep modes
75
%
Internal Current Enable Time
tMPS
Ultra-low-power sleep mode
80
84
88
ms
Internal Current Disable Time
tMPDO
Ultra-low-power sleep mode
220
228
236
ms
SL Delay Time
tSL
Time VSL must remain below the SL logic
threshold to enter sleep and ultra-low-
power modes (MAX5982A)
5.4
6.0
6.6
s
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
TSD
TJ rising
+150
N
C
Thermal-Shutdown Hysteresis
TJ falling
30
N
C
IIN
IINi + 1
IINi
IOFFSET
dRi
1V
VINi
VINi + 1
IOFFSET = IINi -
VINi
dRi
dRi =
(VINi + 1 - VINi)
=
1V
(IINi + 1 - IINi) (IINi + 1 - IINi)
VIN


Similar Part No. - MAX5982B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
MAX5980 MAXIM-MAX5980 Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5980AGTJ++ MAXIM-MAX5980AGTJ+ Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
More results

Similar Description - MAX5982B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
Maxim Integrated Produc...
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5974AEVKIT MAXIM-MAX5974AEVKIT Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
MAX5974EEVKIT MAXIM-MAX5974EEVKIT Datasheet
1Mb / 10P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com