Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5982BETE+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5982BETE+
Description  IEEE 802.3af/at-Compliant, Powered Device Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5982BETE+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5982BETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX5982BETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX5982BETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX5982BETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5982BETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5982BETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5982BETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5982BETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5982BETE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IEEE 802.3af/at-Compliant, Powered Device Interface
Controllers with Integrated 70W High-Power MOSFET
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX5982A/MAX5982B/MAX5982C provide a com-
plete interface for a powered device (PD) to comply with
the IEEE® 802.3af/at standard in a power-over-Ethernet
(PoE) system. The MAX5982A/MAX5982B/MAX5982C
provide the PD with a detection signature, classifica-
tion signature, and an integrated isolation power switch
with inrush current control. During the inrush period,
the MAX5982A/MAX5982B/MAX5982C limit the current
to less than 182mA before switching to the higher cur-
rent limit (1700mA to 2100mA) when the isolation power
MOSFET is fully enhanced. The devices feature an input
UVLO with wide hysteresis and long deglitch time to
compensate for twisted-pair cable resistive drop and to
assure glitch-free transition during power-on/-off condi-
tions. The MAX5982A/MAX5982B/MAX5982C can with-
stand up to 100V at the input.
The MAX5982A/MAX5982B/MAX5982C support a
2-Event classification method as specified in the IEEE
802.3at standard and provide a signal to indicate when
probed by a Type 2 power sourcing equipment (PSE).
The devices detect the presence of a wall adapter power
source connection and allow a smooth switchover from
the PoE power source to the wall power adapter.
The MAX5982A/MAX5982B/MAX5982C also provide a
power-good (PG) signal, two-step current limit and fold-
back, overtemperature protection, and di/dt limit. A sleep
mode feature in the MAX5982A/MAX5982B provides low
power consumption while supporting Maintain Power
Signature (MPS). An ultra-low-power sleep mode feature
in the MAX5982A/MAX5982B further reduces power
consumption while still supporting MPS. The MAX5982A/
MAX5982B also feature an LED driver that is automati-
cally activated during sleep mode.
The MAX5982A/MAX5982B/MAX5982C are available in
a 16-pin, 5mm x 5mm, TQFN power package. These
devices are rated over the -40NC to +85NC extended
temperature range.
Features
S
Sleep Mode and Ultra-Low-Power Sleep
(MAX5982A/MAX5982B)
S
IEEE 802.3af/at Compliant
S
2-Event Classification or an External Wall Adapter
Indicator Output
S
Simplified Wall Adapter Interface
S
PoE Classification 0–5
S
100V Input Absolute Maximum Rating
S
Inrush Current Limit of 182mA Maximum
S
Current Limit During Normal Operation Between
1700mA and 2100mA
S
Current Limit and Foldback
S
Legacy UVLO at 36V
S
LED Driver with Programmable LED Current
(MAX5982A/MAX5982B)
S
Overtemperature Protection
S
Thermally Enhanced, 5mm x 5mm, 16-Pin TQFN
Applications
IEEE 802.3af/at Powered Devices
IP Phones, Wireless Access Nodes, IP Security
Cameras
WiMAXK Base Stations
19-5960; Rev 0; 6/11
WiMAX is a trademark of WiMAX Forum.
IEEE is a registered service mark of the Institute of Electrical
and Electronics Engineers, Inc.
Ordering Information appears at end of data sheet.


Similar Part No. - MAX5982BETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
MAX5980 MAXIM-MAX5980 Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5980AGTJ++ MAXIM-MAX5980AGTJ+ Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
More results

Similar Description - MAX5982BETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
Maxim Integrated Produc...
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5974AEVKIT MAXIM-MAX5974AEVKIT Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
MAX5974EEVKIT MAXIM-MAX5974EEVKIT Datasheet
1Mb / 10P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com