Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC31X2EVM Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC31X2EVM
Description  SBOU096A?밡ovember 2010?밨evised January 2011
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC31X2EVM Datasheet(HTML) 6 Page - Texas Instruments

  DAC31X2EVM Datasheet HTML 1Page - Texas Instruments DAC31X2EVM Datasheet HTML 2Page - Texas Instruments DAC31X2EVM Datasheet HTML 3Page - Texas Instruments DAC31X2EVM Datasheet HTML 4Page - Texas Instruments DAC31X2EVM Datasheet HTML 5Page - Texas Instruments DAC31X2EVM Datasheet HTML 6Page - Texas Instruments DAC31X2EVM Datasheet HTML 7Page - Texas Instruments DAC31X2EVM Datasheet HTML 8Page - Texas Instruments DAC31X2EVM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Testing and Configuration
www.ti.com
2.5
DAC31x2EVM Configuration for DAC Output
Follow this procedure to configure the DAC31x2EVM in order to test the EVM signal output.
Step 1.
Four 0-
Ω resistors must be moved in order to configure the output of the DAC31x2 as 1:1
transformer-coupled.
Remove the resistors R109, R110, R111, and R112
Install the resistors R211, R207, R191, and R195
Step 2.
Provide the clock input: 491.52 MHz at 1.5 V
RMS at the J9 SMA connector of the
DAC31x2EVM.
Step 3.
Turn on power to the board at J12/J13.
Step 4.
Verify the spectrum using the Spectrum Analyzer at the two DAC outputs of the
DAC31x2EVM (J3 and J2).
Figure 5 illustrates a typical transformer-coupled output using a wave analyzer.
Figure 5. DAC3162EVM Transformer-Coupled Output at 30 MHz IF
6
DAC31x2EVM
SBOU096A – November 2010 – Revised January 2011
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - DAC31X2EVM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312 AD-DAC312 Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312BR/883 AD-DAC312BR/883 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312ER AD-DAC312ER Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312FR AD-DAC312FR Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results

Similar Description - DAC31X2EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258EVM TI-ADS1258EVM Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
CC-DEBUGGER TI-CC-DEBUGGER Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
logo
Tyco Electronics
1-1554653-1 MACOM-1-1554653-1 Datasheet
2Mb / 1P
   LGA 2011 SOCKET
logo
Texas Instruments
BQ40Z60 TI-BQ40Z60_15 Datasheet
1Mb / 49P
[Old version datasheet]   SLUSAW3C ?밆ECEMBER 2014?밨EVISED JULY 2015
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
[Old version datasheet]   SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
BQ24075-Q1 TI-BQ24075-Q1_15 Datasheet
2Mb / 38P
[Old version datasheet]   SLUSAU3B ?밊EBRUARY 2012?밨EVISED MARCH 2012
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
   IEEE802.15.4-2011 UWB Transceiver
logo
Molex Electronics Ltd.
SD-105142-001 MOLEX5-SD-105142-001 Datasheet
1Mb / 4P
   LGA 2011-0 SOCKET
logo
PHOENIX CONTACT
1119248 PHOENIX-1119248 Datasheet
94Kb / 8P
   Wireless module - FL WLAN 2011
01/13/2022
logo
Bourns Electronic Solut...
CRM0805_1206_2010 BOURNS-CRM0805_1206_2010 Datasheet
300Kb / 3P
   CRM0805/1206/2010 Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com