Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3152IRGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3152IRGZR
Description  Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3152IRGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC3152IRGZR Datasheet HTML 2Page - Texas Instruments DAC3152IRGZR Datasheet HTML 3Page - Texas Instruments DAC3152IRGZR Datasheet HTML 4Page - Texas Instruments DAC3152IRGZR Datasheet HTML 5Page - Texas Instruments DAC3152IRGZR Datasheet HTML 6Page - Texas Instruments DAC3152IRGZR Datasheet HTML 7Page - Texas Instruments DAC3152IRGZR Datasheet HTML 8Page - Texas Instruments DAC3152IRGZR Datasheet HTML 9Page - Texas Instruments DAC3152IRGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
DAC3152
DAC3162
SLAS736D – NOVEMBER 2010 – REVISED AUGUST 2012
www.ti.com
ELECTRICAL CHARACTERISTICS – DIGITAL SPECIFICATIONS
DVDD18 = CLKVDD18 = 1.8 V, AVDD33 = 3.3 V, fDAC = 500 MSPS, fOUT = 1 MHz over recommended operating free-air
temperature range, IOUTFS = 20 mA (unless otherwise noted)
DAC3152
DAC3162
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
LVDS INPUTS: DIGITAL INPUT DATA(1)
Logic-high differential input voltage
VA,B+
150
400
150
400
mV
threshold
Logic-low differential input voltage
VA,B–
–400
–150
–400
–150
mV
threshold
VCOM
Input common mode
0.9
1.2
1.5
0.9
1.2
1.5
V
ZT
Internal termination
85
110
135
85
110
135
Ω
CL
LVDS input capacitance
2
2
pF
fINTERL
Interleaved LVDS data rate
1000
1000
MSPS
fDATA
Input data rate (per DAC)
500
500
MSPS
CLOCK INPUT: DACCLKP/N
Duty cycle
40%
60%
40%
60%
Differential voltage
0.2
1
0.2
1
V
Clock frequency
500
500
MHz
CMOS INTERFACE: SLEEPB
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIH
High-level input current
-40
40
-40
40
µA
IIL
Low-level input current
-40
40
-40
40
µA
CI
CMOS Input capacitance
2
2
pF
DIGITAL INPUT DATA TIMING SPECIFICATIONS: DOUBLE EDGE LATCHING
Setup time, valid to either edge of
ts(DATA)
200
200
ps
DACCLKP/N
Hold time, valid after either edge of
th(DATA)
200
200
ps
DACCLKP/N
(1)
See LVDS INPUTS section for terminology.
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: DAC3152 DAC3162


Similar Part No. - DAC3152IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
More results

Similar Description - DAC3152IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com