Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN0402M17GK2 Datasheet(PDF) 3 Page - EPCOS

Part # CN0402M17GK2
Description  Ceramic transient voltage suppressors
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CN0402M17GK2 Datasheet(HTML) 3 Page - EPCOS

  CN0402M17GK2 Datasheet HTML 1Page - EPCOS CN0402M17GK2 Datasheet HTML 2Page - EPCOS CN0402M17GK2 Datasheet HTML 3Page - EPCOS CN0402M17GK2 Datasheet HTML 4Page - EPCOS CN0402M17GK2 Datasheet HTML 5Page - EPCOS CN0402M17GK2 Datasheet HTML 6Page - EPCOS CN0402M17GK2 Datasheet HTML 7Page - EPCOS CN0402M17GK2 Datasheet HTML 8Page - EPCOS CN0402M17GK2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
Features
ESD acc. to IEC 61000-4-2 level 4
(8 kV contact, 15 kV air discharge)
Surge current up to 1200 A
Bidirectional protection
No derating up to 125
°C (for case sizes ≥ 0603)
Fast response (< 0.5 ns)
RoHS-compatible
CT version suitable for lead-free soldering
PSpice simulation models available
Applications
ESD protection in mobile phones, cordless phones
and accessories
ESD protection in data bus applications
ESD protection in control electronics, detectors and
sensors, touch screens, plug-in cards, remote
controls
Design
Multilayer technology
Lack of plastic or epoxy encapsulation for
flammability rating better than UL 94 V-0
Termination (see “Soldering directions”):
CT types with nickel barrier terminations (AgNiSn),
recommended for lead-free soldering, and
compatible with tin/lead solder.
CN types with silver-palladium terminations
(AgPd) only suitable for reflow and wave soldering
with solder on tin/lead basis.
CN...K2 types with silver-platinum terminations
(AgPt) suitable for reflow lead-free soldering.
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet.
The curves are sorted by VRMS and then by case size,
which is included in the type designation.
Single chip
Internal circuit
Available case sizes:
EIA
Metric
0201
0603
0402
1005
0603
1608
0805
2012
1206
3216
1210
3225
1812
4532
2220
5750
Multilayer varistors (MLVs)
Standard series
Page 3 of 81
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CN0402M17GK2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CN0402L14GK2 EPCOS-CN0402L14GK2 Datasheet
129Kb / 15P
   Multilayer technology
More results

Similar Description - CN0402M17GK2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com