Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3152IRGZT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3152IRGZT
Description  Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3152IRGZT Datasheet(HTML) 4 Page - Texas Instruments

  DAC3152IRGZT Datasheet HTML 1Page - Texas Instruments DAC3152IRGZT Datasheet HTML 2Page - Texas Instruments DAC3152IRGZT Datasheet HTML 3Page - Texas Instruments DAC3152IRGZT Datasheet HTML 4Page - Texas Instruments DAC3152IRGZT Datasheet HTML 5Page - Texas Instruments DAC3152IRGZT Datasheet HTML 6Page - Texas Instruments DAC3152IRGZT Datasheet HTML 7Page - Texas Instruments DAC3152IRGZT Datasheet HTML 8Page - Texas Instruments DAC3152IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DAC3152
DAC3162
SLAS736D – NOVEMBER 2010 – REVISED AUGUST 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
DVDD18, CLKVDD18
–0.5
2.3
V
Supply-voltage range(2)
VFUSE
–0.5
2.3
V
AVDD33
–0.5
4
V
D[11..0]P/N
–0.5
DVDD18 + 0.5
V
DACCLKP/N
–0.5
CLKVDD18 + 0.5 V
V
Pin-voltage range(2)
BIASJ, SLEEPB
–0.5
AVDD33 + 0.7 V
V
IOUTAP/N, IOUTBP/N
–1
AVDD33 + 0.7 V
V
Peak input current (any input)
±20
mA
Peak total input current (all inputs)
±30
mA
Operating free-air temperature range, TA
–40
85
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under Recommended Operating Conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND
THERMAL INFORMATION
DAC3152
DAC3162
THERMAL METRIC(1)(2)
UNIT
RGZ (48 PINS)
θJA
Junction-to-ambient thermal resistance
28.9
θJCtop
Junction-to-case (top) thermal resistance
14.9
θJB
Junction-to-board thermal resistance
5.62
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
5.6
θJCbot
Junction-to-case (bottom) thermal resistance
1.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: DAC3152 DAC3162


Similar Part No. - DAC3152IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
More results

Similar Description - DAC3152IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com