Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP421 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421 Datasheet(HTML) 1 Page - Texas Instruments

  TMP421_12 Datasheet HTML 1Page - Texas Instruments TMP421_12 Datasheet HTML 2Page - Texas Instruments TMP421_12 Datasheet HTML 3Page - Texas Instruments TMP421_12 Datasheet HTML 4Page - Texas Instruments TMP421_12 Datasheet HTML 5Page - Texas Instruments TMP421_12 Datasheet HTML 6Page - Texas Instruments TMP421_12 Datasheet HTML 7Page - Texas Instruments TMP421_12 Datasheet HTML 8Page - Texas Instruments TMP421_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
+5V
SCL
GND
SDA
V+
SMBus
Controller
8
5
7
6
TMP421
DXP
DXN
A1
A0
1
2
3
4
1ChannelLocal
1ChannelRemote
TMP422
DX1
DX2
DX3
DX4
1
2
3
4
1ChannelLocal
2ChannelsRemote
TMP423
DXP1
DXP2
DXP3
DXN
1
2
3
4
1ChannelLocal
3ChannelsRemote
TMP421
TMP422
TMP423
www.ti.com
SBOS398C – JULY 2007 – REVISED MAY 2012
±1°C Remote and Local TEMPERATURE SENSOR
Check for Samples: TMP421, TMP422, TMP423
1
FEATURES
DESCRIPTION
The TMP421, TMP422, and TMP423 are remote
234
SOT23-8 and DSBGA (WCSP) PACKAGES
temperature sensor monitors with a built-in local
±1°C REMOTE DIODE SENSOR (MAX)
temperature sensor. The remote temperature sensor
±1.5°C LOCAL TEMPERATURE SENSOR (MAX)
diode-connected transistors are typically low-cost,
NPN- or PNP-type transistors or diodes that are an
SERIES RESISTANCE CANCELLATION
integral part of microcontrollers, microprocessors, or
n-FACTOR CORRECTION
FPGAs.
TWO-WIRE/ SMBus™ SERIAL INTERFACE
Remote
accuracy
is
±1°C
for
multiple
IC
MULTIPLE INTERFACE ADDRESSES
manufacturers, with no calibration needed. The two-
DIODE FAULT DETECTION
wire serial interface accepts SMBus write byte, read
byte, send byte, and receive byte commands to
RoHS COMPLIANT AND NO Sb/Br
configure the device.
APPLICATIONS
The TMP421, TMP422, and TMP423 include series
resistance cancellation, programmable non-ideality
PROCESSOR/FPGA TEMPERATURE
factor, wide remote temperature measurement range
MONITORING
(up to +150°C), and diode fault detection.
LCD/ DLP®/LCOS PROJECTORS
The TMP421, TMP422, and TMP423 are all available
SERVERS
in a SOT23-8 package. The TMP421C is also
CENTRAL OFFICE TELECOM EQUIPMENT
available in a DSBGA (WCSP) package.
STORAGE AREA NETWORKS (SAN)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
SMBus is a trademark of Intel Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP421_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results

Similar Description - TMP421_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com