Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X7R1E104K Datasheet(PDF) 6 Page - Texas Instruments

Part # C1608X7R1E104K
Description  INA223EVM User?셲 Guide and Software Tutorial
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1608X7R1E104K Datasheet(HTML) 6 Page - Texas Instruments

Back Button C1608X7R1E104K Datasheet HTML 2Page - Texas Instruments C1608X7R1E104K Datasheet HTML 3Page - Texas Instruments C1608X7R1E104K Datasheet HTML 4Page - Texas Instruments C1608X7R1E104K Datasheet HTML 5Page - Texas Instruments C1608X7R1E104K Datasheet HTML 6Page - Texas Instruments C1608X7R1E104K Datasheet HTML 7Page - Texas Instruments C1608X7R1E104K Datasheet HTML 8Page - Texas Instruments C1608X7R1E104K Datasheet HTML 9Page - Texas Instruments C1608X7R1E104K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
USB Bus
from
Computer
Power
Switching
Switched Power
I C
SPI
Control Bits
Measure Bits
2
Power-On
Reset
8K
8 Byte
EEPROM
´
Buffer and
Level
Translators
3.3-V
Regulator
+3.3 V
USB
+5.0 V
USB +5.0 V
+3.3 V
SM-USB-DIG
VDUT
(Hi-Z, 3.3 V, or 5 V)
TUSB3210
8052 Microcontroller
w/USB Interface
and UART
INA223EVM Hardware Setup
www.ti.com
2.3
Theory of Operation for SM-USB-DIG Platform
Figure 4 shows the block diagram for the SM-USB-DIG Platform. This platform is a general-purpose data
acquisition system that is used on several different Texas Instruments evaluation modules. The details of
its operation are included in a separate document (SBOU098). The block diagram shown in Figure 4 is
given as a brief overview of the SM-USB-DIG Platform.
Figure 4. SM-USB-DIG Platform Block Diagram
The brain of the SM-USB-DIG Platform is the TUSB3210, an 8052 microcontroller that has a built-in USB
interface. The microcontroller receives information from the host computer that is interpreted into power,
I
2C, SPI, and other digital I/O patterns. During the digital I/O transaction, the microcontroller reads the
response of any device connected to the I/O interface. The response from the device is sent back to the
PC where it is interpreted by the host computer.
6
INA223EVM User’s Guide and Software Tutorial
SBOU125 – June 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - C1608X7R1E104K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
TDK Electronics
C1608X7R1E104K TDK-C1608X7R1E104K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
International Rectifier
C1608X7R1E104K IRF-C1608X7R1E104K Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
C1608X7R1E104K IRF-C1608X7R1E104K Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - C1608X7R1E104K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118EVM TI-ADS1118EVM Datasheet
1Mb / 22P
[Old version datasheet]   ADS1118EVM User Guide and Software Tutorial
LMK03328EVM TI-LMK03328EVM Datasheet
6Mb / 56P
[Old version datasheet]   LMK03328EVM User?셲 Guide
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
ADS1293EVM TI1-ADS1293EVM Datasheet
2Mb / 20P
[Old version datasheet]   ADS1293EVM User?셲 Guide
logo
TEXAS ADVANCED OPTOELEC...
FDC2114 TAOS-FDC2114 Datasheet
4Mb / 62P
   FDC2114 and FDC2214 EVM User?셲 Guide
logo
Texas Instruments
SWRU281 TI1-SWRU281 Datasheet
610Kb / 21P
[Old version datasheet]   CC85XXDK-HEADSET User?셲 Guide
logo
Freescale Semiconductor...
MC56F8006DEMO FREESCALE-MC56F8006DEMO Datasheet
3Mb / 13P
   Demo board user?셲 guide
logo
NXP Semiconductors
FRDM-KL82Z NXP-FRDM-KL82Z Datasheet
1Mb / 18P
   FRDM-KL82Z User?셲 Guide
Rev. 0, 01/2016
logo
Intersil Corporation
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
   Evaluation Board User?셲 Guide
ISL281X7SOICEVAL1Z INTERSIL-ISL281X7SOICEVAL1Z Datasheet
206Kb / 4P
   Evaluation Board User?셲 Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com