Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP422 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP422
Description  짹1째C Remote and Local TEMPERATURE SENSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP422 Datasheet(HTML) 3 Page - Texas Instruments

  TMP422 Datasheet HTML 1Page - Texas Instruments TMP422 Datasheet HTML 2Page - Texas Instruments TMP422 Datasheet HTML 3Page - Texas Instruments TMP422 Datasheet HTML 4Page - Texas Instruments TMP422 Datasheet HTML 5Page - Texas Instruments TMP422 Datasheet HTML 6Page - Texas Instruments TMP422 Datasheet HTML 7Page - Texas Instruments TMP422 Datasheet HTML 8Page - Texas Instruments TMP422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TMP421
TMP422
TMP423
www.ti.com
SBOS398C – JULY 2007 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS: TMP421, TMP422, TMP423
At TA = –40°C to +125°C and V+ = 2.7V to 5.5V, unless otherwise noted.
TMP421, TMP422, TMP423
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
Local Temperature Sensor
TELOCAL
TA = –40°C to +125°C
±1.25
±2.5
°C
TA = +15°C to +85°C, V+ = 3.3V
±0.25
±1.5
°C
Remote Temperature Sensor(1)
TEREMOTE
TA = +15°C to +85°C, TD = –40°C to +150°C, V+ = 3.3V
±0.25
±1
°C
TA = –40°C to +100°C, TD = –40°C to +150°C, V+ = 3.3V
±1
±3
°C
TA = –40°C to +125°C, TD = –40°C to +150°C
±3
±5
°C
vs Supply (Local/Remote)
V+ = 2.7V to 5.5V
±0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion Time (per channel)
100
115
130
ms
Resolution
Local Temperature Sensor (programmable)
12
Bits
Remote Temperature Sensor
12
Bits
Remote Sensor Source Currents
High
Series Resistance 3k
Ω Max
120
μA
Medium High
60
μA
Medium Low
12
μA
Low
6
μA
Remote Transistor Ideality Factor
η
TMP421/22/23 Optimized Ideality Factor
1.008
SMBus INTERFACE
Logic Input High Voltage (SCL, SDA)
VIH
2.1
V
Logic Input Low Voltage (SCL, SDA)
VIL
0.8
V
Hysteresis
500
mV
SMBus Output Low Sink Current
6
mA
SDA Output Low Voltage
VOL
IOUT = 6mA
0.15
0.4
V
Logic Input Current
0
≤ VIN ≤ 6V
–1
+1
μA
SMBus Input Capacitance (SCL, SDA)
3
pF
SMBus Clock Frequency
3.4
MHz
SMBus Timeout
25
30
35
ms
SCL Falling Edge to SDA Valid Time
1
μs
DIGITAL INPUTS
Input Capacitance
3
pF
Input Logic Levels
Input High Voltage
VIH
0.7(V+)
(V+)+0.5
V
Input Low Voltage
VIL
–0.5
0.3(V+)
V
Leakage Input Current
IIN
0V
≤ VIN ≤ V+
1
μA
POWER SUPPLY
Specified Voltage Range
V+
2.7
5.5
V
Quiescent Current
IQ
0.0625 Conversions per Second
32
38
μA
Eight Conversions per Second
400
525
μA
Serial Bus Inactive, Shutdown Mode
3
10
μA
Serial Bus Active, fS = 400kHz, Shutdown Mode
90
μA
Serial Bus Active, fS = 3.4MHz, Shutdown Mode
350
μA
Undervoltage Lockout
UVLO
2.3
2.4
2.6
V
Power-On Reset Threshold
POR
1.6
2.3
V
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Storage Range
–60
+130
°C
Thermal Resistance
θJA
SOT23
100
°C/W
(1)
Tested with less than 5
Ω effective series resistance and 100pF differential input capacitance.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP421 TMP422 TMP423


Similar Part No. - TMP422

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP422 BURR-BROWN-TMP422 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP422 TI-TMP422 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422 TI1-TMP422 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP422 TI1-TMP422 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results

Similar Description - TMP422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com