Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL016 Datasheet(PDF) 4 Page - AVX Corporation

Part # AL016
Description  Air Core RF Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL016 Datasheet(HTML) 4 Page - AVX Corporation

  AL016 Datasheet HTML 1Page - AVX Corporation AL016 Datasheet HTML 2Page - AVX Corporation AL016 Datasheet HTML 3Page - AVX Corporation AL016 Datasheet HTML 4Page - AVX Corporation AL016 Datasheet HTML 5Page - AVX Corporation AL016 Datasheet HTML 6Page - AVX Corporation AL016 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PERFORMANCE SPECIFICATIONS
Air Core RF Inductors
AL Series
210
180
150
120
90
60
30
0
100
1000
10000
Frequency (MHz)
30
25
20
15
10
5
0
10
100
1000
10000
Frequency (MHz)
2.50nH
5.00nH
8.00nH
12.5nH
18.5nH
Inductance vs. Frequency
Typical Q vs. Frequency
150
100
50
0
10
100
1000
10000
Frequency (MHz)
18
15
12
9
6
3
0
10
100
1000
10000
Frequency (MHz)
5.60nH
7.15nH
8.80nH
9.85nH
12.6nH
Inductance vs. Frequency
Typical Q vs. Frequency
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
8
6
4
2
0
1
10
100
1000
10000
Frequency (MHz)
Inductance vs. Frequency
5.45nH
3.85nH
2.55nH
1.65nH
Typical Q vs. Frequency
AL05B
AL12A
AL05A


Similar Part No. - AL016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL01 ETC-AL01 Datasheet
54Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Stackpole Electronics, ...
AL01BT10N SEI-AL01BT10N Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
AL01BT1N0 SEI-AL01BT1N0 Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
AL01BT20N8 SEI-AL01BT20N8 Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
AL01CT10N SEI-AL01CT10N Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
More results

Similar Description - AL016

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL AVX-AL_15 Datasheet
191Kb / 7P
   Air Core RF Inductors
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
AS0605N5JTR AVX-AS0605N5JTR Datasheet
384Kb / 5P
   Square Air Core RF Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com