Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV707185DQNR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707185DQNR
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV707185DQNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV707185DQNR Datasheet HTML 5Page - Texas Instruments TLV707185DQNR Datasheet HTML 6Page - Texas Instruments TLV707185DQNR Datasheet HTML 7Page - Texas Instruments TLV707185DQNR Datasheet HTML 8Page - Texas Instruments TLV707185DQNR Datasheet HTML 9Page - Texas Instruments TLV707185DQNR Datasheet HTML 10Page - Texas Instruments TLV707185DQNR Datasheet HTML 11Page - Texas Instruments TLV707185DQNR Datasheet HTML 12Page - Texas Instruments TLV707185DQNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
5.3
5.5
InputVoltage(V)
5.35
5.4
5.45
35
30
25
20
15
10
5
0
+85 C
°
+25 C
°
-
40 C
°
V
=5.0V
OUT
I
=0mA
OUT
-40
85
Temperature( C)
°
40
35
30
25
20
15
10
5
0
V
=1.2V
OUT
I
=0mA
OUT
-15
10
35
60
-40
85
Temperature( C)
°
40
35
30
25
20
15
10
5
0
V
=2.8V
OUT
I
=0mA
OUT
-15
10
35
60
-40
85
Temperature ( C)
°
40
35
30
25
20
15
10
5
0
-15
10
35
60
V
= 5.0 V
I
= 0 mA
OUT
OUT
0
200
OutputCurrent(mA)
1200
1000
800
600
400
200
0
20
40
60
80
100
120
140
160
180
+85 C
°
+25 C
°
-40 C
°
V
=1.2V
OUT
0
200
OutputCurrent(mA)
1200
1000
800
600
400
200
0
20
40
60
80
100
120
140
160
180
+85 C
°
+25 C
°
-40 C
°
V
=2.8V
OUT
TLV707 Series
www.ti.com
SBVS153B
– FEBRUARY 2011 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
At VIN = VOUT(TYP) + 0.5 V or 2.0 V (whichever is greater); IOUT = 10 mA, VEN = VIN, COUT = 1 μF, and TA = –40°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.
GROUND PIN CURRENT vs INPUT VOLTAGE
GROUND PIN CURRENT vs TEMPERATURE
Figure 21.
Figure 22.
GROUND PIN CURRENT vs TEMPERATURE
GROUND PIN CURRENT vs TEMPERATURE
Figure 23.
Figure 24.
GROUND PIN CURRENT vs OUTPUT CURRENT
GROUND PIN CURRENT vs OUTPUT CURRENT
Figure 25.
Figure 26.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TLV707185DQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV707185DQNR TI-TLV707185DQNR Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707185DQNR TI1-TLV707185DQNR Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707185DQNR TI1-TLV707185DQNR Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707185DQNR TI1-TLV707185DQNR Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707185DQNR TI1-TLV707185DQNR Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV707185DQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com