Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70718DQNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70718DQNR
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70718DQNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV70718DQNR Datasheet HTML 6Page - Texas Instruments TLV70718DQNR Datasheet HTML 7Page - Texas Instruments TLV70718DQNR Datasheet HTML 8Page - Texas Instruments TLV70718DQNR Datasheet HTML 9Page - Texas Instruments TLV70718DQNR Datasheet HTML 10Page - Texas Instruments TLV70718DQNR Datasheet HTML 11Page - Texas Instruments TLV70718DQNR Datasheet HTML 12Page - Texas Instruments TLV70718DQNR Datasheet HTML 13Page - Texas Instruments TLV70718DQNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0
200
OutputCurrent(mA)
1200
1000
800
600
400
200
0
20
40
60
80
100
120
140
160
180
+85 C
°
+25 C
°
-40 C
°
V
=5V
OUT
2
5.5
InputVoltage(V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
+85 C
°
+25 C
°
-
40 C
°
V
=1.2V
OUT
2.5
3
3.5
4
4.5
5
2
5.5
InputVoltage(V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
+85 C
°
+25 C
°
-
40 C
°
V
=2.8V
OUT
2.5
3
3.5
4
4.5
5
2
5.5
InputVoltage(V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
+85 C
°
+25 C
°
-
40 C
°
V
=5.0V
OUT
2.5
3
3.5
4
4.5
5
450
425
400
375
350
325
300
275
250
2
5.5
InputVoltage(V)
2.5
3
3.5
4
4.5
5
V
=1.2V
OUT
+25 C
°
-40 C
°
3.1
5.5
InputVoltage(V)
3.7
4.3
4.9
450
425
400
375
350
325
300
275
250
V
=2.8V
OUT
+25 C
°
-40 C
°
TLV707 Series
SBVS153B
– FEBRUARY 2011 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At VIN = VOUT(TYP) + 0.5 V or 2.0 V (whichever is greater); IOUT = 10 mA, VEN = VIN, COUT = 1 μF, and TA = –40°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.
GROUND PIN CURRENT vs OUTPUT CURRENT
SHUTDOWN CURRENT vs INPUT VOLTAGE
Figure 27.
Figure 28.
SHUTDOWN CURRENT vs INPUT VOLTAGE
SHUTDOWN CURRENT vs INPUT VOLTAGE
Figure 29.
Figure 30.
CURRENT LIMIT vs INPUT VOLTAGE
CURRENT LIMIT vs INPUT VOLTAGE
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLV70718DQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70718DQNR TI-TLV70718DQNR Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718DQNR TI1-TLV70718DQNR Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718DQNR TI1-TLV70718DQNR Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718DQNR TI1-TLV70718DQNR Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV70718DQNR TI1-TLV70718DQNR Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70718DQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com