Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2EP64DJN Datasheet(PDF) 7 Page - Texas Instruments

Part # TM2EP64DJN
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM2EP64DJN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TM2EP64DJN Datasheet HTML 3Page - Texas Instruments TM2EP64DJN Datasheet HTML 4Page - Texas Instruments TM2EP64DJN Datasheet HTML 5Page - Texas Instruments TM2EP64DJN Datasheet HTML 6Page - Texas Instruments TM2EP64DJN Datasheet HTML 7Page - Texas Instruments TM2EP64DJN Datasheet HTML 8Page - Texas Instruments TM2EP64DJN Datasheet HTML 9Page - Texas Instruments TM2EP64DJN Datasheet HTML 10Page - Texas Instruments TM2EP64DJN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TM2EP64DPN, TM2EP64DJN, TM4EP64DPN, TM4EP64DJN
TM2EP72DPN, TM2EP72DJN, TM4EP72DPN, TM4EP72DJN
EXTENDEDDATAOUT DYNAMIC RAM MODULES
SMMS684A − AUGUST 1997 − REVISED FEBRUARY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over ambient temperature range (unless otherwise noted)
Supply voltage range, VDD
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1)
− 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation: TM2EP64DxN
8 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TM2EP72DxN
9 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TM4EP64DxN
16 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TM4EP72DxN
18 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
− 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3
3.3
3.6
V
VSS
Supply voltage
0
V
VIH
High-level input voltage
2
VDD + 0.3
V
VIH −SPD
High-level input voltage for the SPD device
2
5.5
V
VIL
Low-level input voltage
− 0.3
0.8
V
TA
Ambient temperature
0
70
°C
capacitance over recommended ranges of supply voltage and ambient temperature, f = 1 MHz
(see Note 2)
PARAMETER
’2EP64DxN
’2EP72DxN
’4EP64DxN
’4EP72DxN
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 − A10
42
47
82
92
pF
Ci(OE)
Input capacitance, OEx
30
37
58
72
pF
Ci(CAS)
Input capacitance, CASx
9
16
16
30
pF
Ci(RAS)
Input capacitance, RASx
30
37
30
37
pF
Ci(W)
Input capacitance, WEx
30
37
38
37
pF
Co
Output capacitance
9
9
16
16
pF
Ci/o(SDA)
Input/output capacitance, SDA input
9
9
9
9
pF
Ci(SPD)
Input capacitance, SA0,SA1,SA2,SCL inputs
7
7
7
7
pF
NOTE 2: VDD = NOM supply voltage ± 10%, and the bias on pins under test is 0 V.


Similar Part No. - TM2EP64DJN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM2EJ64EPN TI1-TM2EJ64EPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com