Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6F5.0A-M3-6A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMA6F5.0A-M3-6A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMA6F5.0A-M3-6A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMA6F5.0A-M3-6A Datasheet HTML 1Page - Vishay Siliconix SMA6F5.0A-M3-6A Datasheet HTML 2Page - Vishay Siliconix SMA6F5.0A-M3-6A Datasheet HTML 3Page - Vishay Siliconix SMA6F5.0A-M3-6A Datasheet HTML 4Page - Vishay Siliconix SMA6F5.0A-M3-6A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
SMA6F5.0A thru SMA6F20A
www.vishay.com
Vishay General Semiconductor
Revision: 23-Nov-11
2
Document Number: 89458
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Voltage Regulator
Notes
(1) Pulse test: tp  50 ms
(2) To calculate maximum clamping voltage at other surge currents, use following formula: VCL max. = RD x IPP + VBR max.
(3) To calculate VBR vs. junction temperature, use following formula: VBR at TJ = VBR at 25 °C x (1 + T x (TJ - 25))
Notes
(1) Mounted on minimum recommended pad layout
(2) Mounted on infinite heatsink
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
VWM
Stand-off voltage
VBR
Breakdown voltage
VC
Clamping voltage
ID
Leakage current at VWM
IPP
Peak pulse current
T
Voltage temperature coefficient
VF
Forward voltage drop
RD
Dynamic resistance
V
I
F
V
BR
V
C
V
WM
I
D
I
T
V
F
I
PP
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
MAXIMUM
REVERSE
LEAKAGE
ID AT VWM (3)
VC AT IPP
RD (2)
VC AT IPP
RD (2)
T (3)
10/1000 μs
8/20 μs
MIN.
MAX.
25 °C
85 °C
MAX.
MAX.
MAX.
VmA
μA
V
V
A
VA
10-4/°C
SMA6F5.0A
6AE
6.40
7.07
10
150
375
5.0
9.2
68.0
0.031
13.4
298
0.021
5.7
SMA6F6.0A
6AG
6.70
7.41
10
600
1500
6.0
9.5
63.2
0.033
13.7
290
0.022
5.9
SMA6F6.5A
6AK
7.20
7.96
10
100
250
6.5
10.2
58.8
0.038
14.5
276
0.024
6.1
SMA6F7.5A
6AP
8.33
9.21
1
50
125
7.5
11.8
50.8
0.051
17.0
235
0.033
6.5
SMA6F8.0A
6AR
8.89
9.83
1
20
50
8.0
12.8
46.9
0.063
18.2
220
0.038
7.0
SMA6F8.5A
6AT
9.4
10.4
1
20
50
8.5
13.3
45.1
0.064
18.7
205
0.040
7.3
SMA6F10A
6AX
11.1
12.3
1
1.0
5.0
10
15.7
38.2
0.089
19.6
184
0.040
7.8
SMA6F11A
6AZ
12.2
13.5
1
1.0
5.0
11
17.2
34.8
0.107
21.5
172
0.047
8.1
SMA6F12A
6BE
13.3
14.7
1
0.2
1.0
12
18.8
31.9
0.128
23.5
157
0.056
8.3
SMA6F12AHD
6BF
13.2
14.3
1
0.2
1.0
12
18.5
32.4
0.130
22.9
157
0.055
8.4
SMA6F13A
6BG
14.4
15.9
1
0.2
1.0
13
20.4
29.4
0.153
23.9
147
0.064
8.4
SMA6F15A
6BM
16.7
18.5
1
0.2
1.0
15
23.6
25.4
0.201
27.7
123
0.075
8.8
SMA6F16A
6BP
17.8
19.7
1
0.2
1.0
16
25.2
23.8
0.229
29.5
119
0.082
8.8
SMA6F17A
6BR
18.9
20.9
1
0.2
1.0
17
26.7
22.5
0.259
31.4
111
0.095
9.0
SMA6F18A
6BT
20.0
22.1
1
0.2
1.0
18
28.3
21.2
0.292
33.2
102
0.109
9.2
SMA6F20A
6BV
22.2
24.5
1
0.2
1.0
20
31.4
19.1
0.361
36.8
93
0.132
9.4
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient
RJA (1)
150
°C/W
Typical thermal resistance, junction to mount
RJM(2)
20
°C/W


Similar Part No. - SMA6F5.0A-M3-6A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMA6F5.0A-TP MCC-SMA6F5.0A-TP Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
logo
STMicroelectronics
SMA6F5.0A-TR STMICROELECTRONICS-SMA6F5.0A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
More results

Similar Description - SMA6F5.0A-M3-6A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com