Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.30.759.029-0000 Datasheet(PDF) 8 Page - C&K Components

Part # 5.30.759.029-0000
Description  RF short-travel keyswitches
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

5.30.759.029-0000 Datasheet(HTML) 8 Page - C&K Components

Back Button 5.30.759.029-0000 Datasheet HTML 4Page - C&K Components 5.30.759.029-0000 Datasheet HTML 5Page - C&K Components 5.30.759.029-0000 Datasheet HTML 6Page - C&K Components 5.30.759.029-0000 Datasheet HTML 7Page - C&K Components 5.30.759.029-0000 Datasheet HTML 8Page - C&K Components 5.30.759.029-0000 Datasheet HTML 9Page - C&K Components 5.30.759.029-0000 Datasheet HTML 10Page - C&K Components 5.30.759.029-0000 Datasheet HTML 11Page - C&K Components 5.30.759.029-0000 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Stock items are marked
by bold printed order numbers.
4 - 30
PCB Keyswitches
4
RF
RF short-travel keyswitches
RF 15 short-travel keyswitch, 1 LED spot-illumination
Housing
Thrust piece
Diode
Pict.: red
Contact materials
Illumination
Colour of lens
LED colour
LED type
Order no.
Ag
spot illumination
1 LED
opaque white
blue
3 mm
3.14.100.040/0000
Ag
spot illumination
1 LED
transparent
red
3 mm
3.14.100.041/0000
Ag
spot illumination
1 LED
transparent
green
3 mm
3.14.100.042/0000
Ag
spot illumination
1 LED
transparent
yellow
3 mm
3.14.100.043/0000
Au
spot illumination
1 LED
opaque white
blue
3 mm
3.14.100.030/0000
Au
spot illumination
1 LED
transparent
red
3 mm
3.14.100.031/0000
Au
spot illumination
1 LED
transparent
green
3 mm
3.14.100.032/0000
Au
spot illumination
1 LED
transparent
yellow
3 mm
3.14.100.033/0000
Technical data see page 4 - 26
Double-spot LED illumination available on request.


Similar Part No. - 5.30.759.029-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
5.30.759.029/0000 CK-COMPONENTS-5.30.759.029/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
More results

Similar Description - 5.30.759.029-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
ITT Industries
KN19 ITT-KN19 Datasheet
168Kb / 4P
   Short-travel main switch
logo
C&K Components
5.46.167.042-0209 CK-COMPONENTS-5.46.167.042-0209 Datasheet
687Kb / 19P
   PCB Keyswitches
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
logo
TP-Link Technologies Co...
AC750 TP-LINK-AC750_V01 Datasheet
2Mb / 5P
   Wireless Travel Router
logo
ALPS ELECTRIC CO.,LTD.
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
logo
Molex Electronics Ltd.
130171-0317 MOLEX11-130171-0317 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EB Balancer with Short Travel for Cable Assembly
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
   1.5mm-travel Vertical Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com