Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFT6045CBP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VFT6045CBP
Description  Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFT6045CBP Datasheet(HTML) 3 Page - Vishay Siliconix

  VFT6045CBP Datasheet HTML 1Page - Vishay Siliconix VFT6045CBP Datasheet HTML 2Page - Vishay Siliconix VFT6045CBP Datasheet HTML 3Page - Vishay Siliconix VFT6045CBP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 89370
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 03-Nov-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VFT6045CBP
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.7
100
10
1
0.1
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
0.6
0.1
0.3
0.5
20
40
60
80
100
1
0.1
0.01
0.001
100
10
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
100
10 000
100 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1000
10
0.1
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
1
ITO-220AB
0.076 (1.93) REF.
45° REF.
PIN
3
2
1
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.057 (1.45)
0.045 (1.14)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.025 (0.64)
0.015 (0.38)
0.105 (2.67)
0.095 (2.41)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
7° REF.
7° REF.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.350 (8.89)
0.330 (8.38)


Similar Part No. - VFT6045CBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT6045CBP VISHAY-VFT6045CBP Datasheet
81Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 03-Nov-10
VFT6045CBP VISHAY-VFT6045CBP Datasheet
132Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
VFT6045CBP-M3 VISHAY-VFT6045CBP-M3 Datasheet
81Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 03-Nov-10
VFT6045CBP-M3-4W VISHAY-VFT6045CBP-M3-4W Datasheet
81Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 03-Nov-10
VFT6045CBP VISHAY-VFT6045CBP_15 Datasheet
83Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 20-Aug-15
More results

Similar Description - VFT6045CBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May-12
logo
DONGGUAN YOU FENG WEI E...
8A45-DO-201AD YFWDIODE-8A45-DO-201AD Datasheet
1,012Kb / 3P
   Trench MOS Barrier Schottky Rectifier
8L45-DO-201AD YFWDIODE-8L45-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
3L40-DO-201AD YFWDIODE-3L40-DO-201AD Datasheet
829Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L80-DO-201AD YFWDIODE-10L80-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
logo
DONGGUAN YOU FENG WEI E...
10V150SP YFWDIODE-10V150SP Datasheet
838Kb / 3P
   Trench MOS Barrier Schottky Rectifier
15L45SC YFWDIODE-15L45SC Datasheet
731Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com