Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP104YFFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP104YFFR
Description  Low-Power, Digital Temperature Sensor with SMAART Wire Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP104YFFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP104YFFR Datasheet HTML 5Page - Texas Instruments TMP104YFFR Datasheet HTML 6Page - Texas Instruments TMP104YFFR Datasheet HTML 7Page - Texas Instruments TMP104YFFR Datasheet HTML 8Page - Texas Instruments TMP104YFFR Datasheet HTML 9Page - Texas Instruments TMP104YFFR Datasheet HTML 10Page - Texas Instruments TMP104YFFR Datasheet HTML 11Page - Texas Instruments TMP104YFFR Datasheet HTML 12Page - Texas Instruments TMP104YFFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TMP104
www.ti.com
SBOS564A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
GLOBAL READ AND WRITE
The host can initiate a global read or write command to all TMP104s in the daisy-chain by sending the read/write
command, consisting of P7-P3 = 11110. P2-P1 indicate the data register pointer, as shown in Table 3, and P0
indicates read/write control. P0 = 0 indicates a global write command. The host must transfer one more byte of
data for the register (indicated by bits P2-P1), and every TMP104 in the daisy-chain updates the appropriate
register. P0 = 1 indicates a global read command. The TMP104 with the device ID of '0000' then breaks the bus
connection, transmits the data from the register indicated by bits P2-P1, and then reconnects the bus. The
TMP104 with the device ID of '0001' then repeats the same sequence, followed by the rest of the TMP104
devices in the daisy-chain.
Table 3. Pointer Addresses
P0
P0
REGISTER
0
0
Temperature register (read-only)
0
1
Configuration register (read/write)
1
0
TLOW register (read/write)
1
1
THIGH register (read/write)
GLOBAL CLEAR INTERRUPT
The host can initiate a global clear interrupt command (P7-P0 = 10101001) to all TMP104s in the daisy-chain.
Upon receiving this command, the TMP104 disables future interrupts (D7 in the Configuration Register is set to
'0'). If a TMP104 has previously broken the bus connection and sent an interrupt (logic low on the bus), it now
stops holding the bus low. The device sends the baud rate calibration command and clear interrupt command to
the next TMP104 in the chain, and then reconnects the bus. In the case of multiple devices having active
interrupts, the clear interrupt command propagates through the daisy-chain, disables all interrupts, and
reconnects the bus across all devices.
GLOBAL SOFTWARE RESET
The host can initiate a global software reset command (P7-P0 = 10110100) to all TMP104s in the daisy-chain.
Upon receiving this command, the TMP104 resets its internal registers except for the device ID, which is not
reset, and reconnects the bus. If the bus is broken before the initiation of this command, all TMP104s before the
broken bus point receive the command. If the host intends to initiate a global software reset across all TMP104s
in the chain, this command must be transmitted multiple times until it echoes back to the host.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP104


Similar Part No. - TMP104YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
[Old version datasheet]   TMP104EVM Evaluation Board and Software Tutorial
More results

Similar Description - TMP104YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com