Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP300BQDCKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300BQDCKRQ1
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BQDCKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TMP300BQDCKRQ1 Datasheet HTML 1Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 2Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 3Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 4Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 5Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 6Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 7Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 8Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R
PULL-UP
210kW
(1)
R
SET
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3mA
Proportional
to T
A
NOTE: (1) Thinfilm resistor with approximately 10% accuracy;
however, this accuracy error is trimmed out at the factory.
1
2
3
6
5
4
V+
V
TEMP
HYST
SET
T
SET
GND
OUT
TMP300B-Q1
SC70-6
TMP300B-Q1
www.ti.com
SBOS586
– DECEMBER 2011
1.8V, Resistor-Programmable
TEMPERATURE SWITCH and
ANALOG OUT TEMPERATURE SENSOR in SC70
Check for Samples: TMP300B-Q1
1
FEATURES
DESCRIPTION
The
TMP300B-Q1
is
a
low-power,
2
ACCURACY:
±1°C (typical at +25°C)
resistor-programmable,
digital
output
temperature
PROGRAMMABLE TRIP POINT
switch. It allows a threshold point to be set by adding
PROGRAMMABLE HYSTERESIS: 5
°C/10°C
an external resistor. Two levels of hysteresis are
available. The TMP300B-Q1 has a VTEMP analog
OPEN-DRAIN OUTPUTS
output that can be used as a testing point or in
LOW-POWER: 110
μA (max)
temperature-compensation loops.
WIDE VOLTAGE RANGE: +1.8V to +18V
With a supply voltage as low as 1.8V and low current
OPERATION:
–40°C to +150°C
consumption,
the
TMP300B-Q1
is
ideal
for
ANALOG OUT: 10mV/
°C
power-sensitive systems.
SC70-6 PACKAGE
Available in two micropackages that have proven
thermal characteristics, this part gives a complete and
APPLICATIONS
simple solution for users who need simple and
reliable thermal management.
QUALIFIED FOR for AUTOMOTIVE
APPLICATIONS
POWER-SUPPLY SYSTEMS
DC-DC MODULES
THERMAL MONITORING
ELECTRONIC PROTECTION SYSTEMS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP300BQDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
TMP300BIDBVT TI1-TMP300BIDBVT Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVT TI1-TMP300BIDBVT Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
TMP300BIDCKR TI1-TMP300BIDCKR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

Similar Description - TMP300BQDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com