Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C203 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP320C203
Description  DIGITAL SIGNAL PROCESSORS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320C203 Datasheet(HTML) 5 Page - Texas Instruments

  TMP320C203 Datasheet HTML 1Page - Texas Instruments TMP320C203 Datasheet HTML 2Page - Texas Instruments TMP320C203 Datasheet HTML 3Page - Texas Instruments TMP320C203 Datasheet HTML 4Page - Texas Instruments TMP320C203 Datasheet HTML 5Page - Texas Instruments TMP320C203 Datasheet HTML 6Page - Texas Instruments TMP320C203 Datasheet HTML 7Page - Texas Instruments TMP320C203 Datasheet HTML 8Page - Texas Instruments TMP320C203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C203 and TMS320LC203 Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
OSCILLATOR, PLL, AND TIMER SIGNALS (CONTINUED)
PLL5V
10
I
PLL operating at 5 V. When the device is operating at 5 V, PLL5V should be tied high. When the device is
operating at 3.3 V, PLL5V should be tied low.
SERIAL PORT AND UART SIGNALS
CLKX
87
I/O
Transmit clock. CLKX is a clock signal for clocking data from the transmit shift register (XSR) to the DX
data-transmit pin. The CLKX can be an input if the MCM bit in the synchronous serial-port control register
(SSPCR) is set to 0. CLKX can also be driven by the device at one-half of the CLKOUT1 frequency when
MCM = 1. If the serial port is not being used, CLKX goes into the high-impedance state when OFF is active
low. Value at reset is as an input.
CLKR
84
I/O
Receive-clock input. External clock signal for clocking data from the DR (data-receive) pin into the serial-port
receive shift register (RSR). CLKR must be present during serial-port transfers. If the serial port is not being
used, CLKR can be sampled as an input by the IN0 bit of the SSPCR.
FSR
85
I/O
Frame synchronization pulse for receive input. The falling edge of the FSR pulse initiates the data-receive
process, beginning the clocking of the RSR. FSR goes into the high-impedance state when OFF is active low.
FSX
89
I/O
Frame synchronization pulse for transmit input/ouput. The falling edge of the FSX pulse initiates the
data-transmit process, beginning the clocking of the serial-port transmit shift register (XSR). Following reset,
FSX is an input. FSX can be selected by software to be an output when the TXM bit in the SSPCR is set to
1. FSX goes into the high-impedance state when OFF is active low.
DR
86
I
Serial-data receive input. Serial data is received in the receive shift register (RSR) through the DR pin.
DX
90
O
Serial-port transmit output. Serial data is transmitted from the transmit shift register (XSR) through the DX pin.
DX is in the high-impedance state when OFF is active low.
TX
93
O
Asynchronous transmit pin
RX
95
I
Asynchronous receive pin
TEST SIGNALS
TRST
79
I
IEEE Standard 1149.1 (JTAG) test reset. TRST, when active high, gives the scan system control of the
operations of the device. If TRST is not connected or driven low, the device operates in its functional mode,
and the test signals are ignored.
If the TRST pin is not driven, an external pulldown resistor must be used.
TCK
78
I
JTAG test clock. TCK is normally a free-running clock signal with a 50% duty cycle. The changes on the
test-access port (TAP) input signals (TMS and TDI) are clocked into the TAP controller, instruction register, or
selected test-data register on the rising edge of TCK. Changes at the TAP output signal (TDO) occur on the
falling edge of TCK.
TMS
81
I
JTAG test-mode select. TMS is clocked into the TAP controller on the rising edge of TCK.
TDI
80
I
JTAG test-data input. TDI is clocked into the selected register (instruction or data) on a rising edge of TCK.
TDO
82
O/Z
JTAG test-data output. The contents of the selected register (instruction or data) are shifted out of TDO on the
falling edge of TCK. TDO is in the high-impedance state except when the scanning of data is in progress.
EMU0
76
I/O/Z
Emulator pin 0. When TRST is driven low, EMU0 must be high for activation of the OFF condition. When TRST
is driven high, EMU0 is used as an interrupt to or from the emulator system and is defined as an input/output
through the JTAG scan.
EMU1/OFF
77
I/O/Z
Emulator pin 1. Emulator pin 1 disables all outputs. When TRST is driven high, EMU1/OFF is used as an
interrupt to or from the emulator system and is defined as an input/output through the JTAG scan. When TRST
is driven low, this pin is configured as OFF. EMU1/OFF, when active low, puts all output drivers in the
high-impedance state. Note that OFF is used exclusively for testing and emulation purposes (not for
multiprocessing applications). Therefore, for the OFF condition, the following apply:
TRST = 0
EMU0 = 1
EMU/OFF = 0
† I = input, O = output, Z = high impedance, PWR = power, GND = ground


Similar Part No. - TMP320C203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C2811GHHA TI-TMP320C2811GHHA Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
TMP320C2811GHHQ TI-TMP320C2811GHHQ Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
TMP320C2811GHHS TI-TMP320C2811GHHS Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
TMP320C2811PBKA TI-TMP320C2811PBKA Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
TMP320C2811PBKQ TI-TMP320C2811PBKQ Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
More results

Similar Description - TMP320C203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com