Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5750X5R0J0R5WTXXXX Datasheet(PDF) 10 Page - TDK Electronics

Part # C5750X5R0J0R5WTXXXX
Description  General Application
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750X5R0J0R5WTXXXX Datasheet(HTML) 10 Page - TDK Electronics

Back Button C5750X5R0J0R5WTXXXX Datasheet HTML 6Page - TDK Electronics C5750X5R0J0R5WTXXXX Datasheet HTML 7Page - TDK Electronics C5750X5R0J0R5WTXXXX Datasheet HTML 8Page - TDK Electronics C5750X5R0J0R5WTXXXX Datasheet HTML 9Page - TDK Electronics C5750X5R0J0R5WTXXXX Datasheet HTML 10Page - TDK Electronics C5750X5R0J0R5WTXXXX Datasheet HTML 11Page - TDK Electronics C5750X5R0J0R5WTXXXX Datasheet HTML 12Page - TDK Electronics C5750X5R0J0R5WTXXXX Datasheet HTML 13Page - TDK Electronics C5750X5R0J0R5WTXXXX Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 12
Capacitance
Range Chart
C0603 [EIA CC0201]
Capacitance Range Chart
Temperature Characteristics: X7R (± 15%), X5R (± 15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Standard Thickness
0.30 mm
Capacitance
(pF)
Cap
Code
Tolerance
X7R
X5R
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
100
101
K: ± 10%
M: ± 20%
150
151
220
221
330
331
470
471
680
681
1,000
102
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
• Standard capacitance is shown. Please refer to Capacitance
Range Table for additional capacitance values.


Similar Part No. - C5750X5R0J0R5WTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X5R0J105KB TDK-C5750X5R0J105KB Datasheet
169Kb / 4P
   Ceramic Capacitors
C5750X5R0J105KT TDK-C5750X5R0J105KT Datasheet
169Kb / 4P
   Ceramic Capacitors
C5750X5R0J105MB TDK-C5750X5R0J105MB Datasheet
169Kb / 4P
   Ceramic Capacitors
C5750X5R0J105MT TDK-C5750X5R0J105MT Datasheet
169Kb / 4P
   Ceramic Capacitors
C5750X5R0J105ZB TDK-C5750X5R0J105ZB Datasheet
169Kb / 4P
   Ceramic Capacitors
More results

Similar Description - C5750X5R0J0R5WTXXXX

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com