Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C203PZA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C203PZA
Description  DIGITAL SIGNAL PROCESSORS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C203PZA Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C203PZA Datasheet HTML 4Page - Texas Instruments TMS320C203PZA Datasheet HTML 5Page - Texas Instruments TMS320C203PZA Datasheet HTML 6Page - Texas Instruments TMS320C203PZA Datasheet HTML 7Page - Texas Instruments TMS320C203PZA Datasheet HTML 8Page - Texas Instruments TMS320C203PZA Datasheet HTML 9Page - Texas Instruments TMS320C203PZA Datasheet HTML 10Page - Texas Instruments TMS320C203PZA Datasheet HTML 11Page - Texas Instruments TMS320C203PZA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C209 Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
MEMORY CONTROL SIGNALS (CONTINUED)
WE
62
O/Z
Write enable. The falling edge of WE indicates that the device is driving the external data bus (D15–D0).
Data can be latched by an external device on the rising edge of WE. WE is active on all external program,
data, and I/O writes. WE goes into the high-impedance state when OFF is active low.
RAMEN
37
I
RAM enable. RAMEN enables the 4K
× 16 words of on-chip RAM.
MULTIPROCESSING SIGNALS
BR
68
O/Z
Bus-request signal. BR is asserted during access of external global data-memory space. BR can be
used to extend the data memory address space by up to 32K words. BR goes into the high-impedance
state when OFF is active low.
BIO
9
I
Branch control input. BIO is polled by BIOZ instruction. If BIO is low, the TMS320C209 executes a
branch. If BIO is not used, it should be pulled high.
XF
75
O/Z
External flag output (latched software-programmable signal). XF is used for signaling other processors
in multiprocessing configurations or as a general-purpose output pin.
IACK
79
O/Z
Interrupt-acknowledge signal. IACK indicates receipt of an interrupt and that the program counter is
fetching the interrupt vector location designated by A15–A0. IACK also goes into the high-impedance
state when OFF is active low.
INITIALIZATION, INTERRUPT, AND RESET OPERATIONS
INT1
INT2
INT3
33
34
35
I
External-user interrupts. INT1–INT3 are prioritized and maskable by the interrupt-mask register and the
interrupt-mode bit. If INT1–INT3 are not used, they should be pulled high.
NMI
36
I
Nonmaskable interrupt. NMI is an external interrupt that cannot be masked through the INTM or the IMR.
When NMI is activated, the processor traps to the appropriate vector location. If NMI is not used, it should
be pulled high.
RS
RS
4
6
I
Reset input. RS and RS cause the TMS320C209 to terminate execution and force the program counter
to 0. When RS is brought high, execution begins at location 0 of program memory after 16 cycles. RS
affects various registers and status bits.
MP/MC
10
I
Microprocessor/microcontroller-mode-select pin. If MP/MC is low, the on-chip ROM is mapped into
program space. When MP/MC is high, the device accesses off-chip memory.
OSCILLATOR/TIMER SIGNALS CLKIN1/2
CLKOUT1
77
O/Z
Master clock output signal. CLKOUT1 cycles at the machine-cycle rate of the CPU. The internal machine
cycle is bounded by the rising edges of CLKOUT1. CLKOUT1 goes into the high-impedance state when
OFF is active low.
CLKMOD
74
I
Clock-input mode. CLKMOD (when high) enables the clock doubler and phase-locked loop (PLL) on the
clock input signal. If the internal oscillator is not used, X1 should be left unconnected.
CLKIN/X2
X1
69
70
I
O
Input clock. CLKIN/X2 is the input clock to the device. As CLKIN, the pin operates as the external
oscillator clock input, and as X2, the pin operates as the internal oscillator input with X1 being the internal
oscillator output.
TOUT
72
O
Timer output. TOUT signals a pulse when the on-chip timer counts down past zero. The pulse is one
CLKOUT1-cycle wide.
PLL5V
38
I
PLL operating at 5 V. When PLL5V is operating at 5 V, PLL5V should be strapped high.
RES1
40
I
Reserved input pin. Do not connect to RES1.
† I = input, O = output, Z = high impedance, PWR = power, GND = ground


Similar Part No. - TMS320C203PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C203PZA TI-TMS320C203PZA Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203PZA57 TI-TMS320C203PZA57 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C203PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com