Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP431CDGKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431CDGKR
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431CDGKR Datasheet(HTML) 5 Page - Texas Instruments

  TMP431CDGKR Datasheet HTML 1Page - Texas Instruments TMP431CDGKR Datasheet HTML 2Page - Texas Instruments TMP431CDGKR Datasheet HTML 3Page - Texas Instruments TMP431CDGKR Datasheet HTML 4Page - Texas Instruments TMP431CDGKR Datasheet HTML 5Page - Texas Instruments TMP431CDGKR Datasheet HTML 6Page - Texas Instruments TMP431CDGKR Datasheet HTML 7Page - Texas Instruments TMP431CDGKR Datasheet HTML 8Page - Texas Instruments TMP431CDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD) Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
V
Machine model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
2.7
3.3
5.5
V
Operating free-air temperature, TA
–40
125
ºC
6.4 Thermal Information
TMP431
TMP432
THERMAL METRIC(1)
DGK (VSSOP)
DGS (VSSOP)
UNIT
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
168.2
164.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
59.7
39
°C/W
RθJB
Junction-to-board thermal resistance
90.1
85.9
°C/W
ψJT
Junction-to-top characterization parameter
7.7
1.6
°C/W
ψJB
Junction-to-board characterization parameter
88.4
84.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP431 TMP432


Similar Part No. - TMP431CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431CDGKR TI1-TMP431CDGKR Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
More results

Similar Description - TMP431CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP435 TI1-TMP435_15 Datasheet
995Kb / 35P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com