Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP442ADCNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP442ADCNR
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP442ADCNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP442ADCNR Datasheet HTML 7Page - Texas Instruments TMP442ADCNR Datasheet HTML 8Page - Texas Instruments TMP442ADCNR Datasheet HTML 9Page - Texas Instruments TMP442ADCNR Datasheet HTML 10Page - Texas Instruments TMP442ADCNR Datasheet HTML 11Page - Texas Instruments TMP442ADCNR Datasheet HTML 12Page - Texas Instruments TMP442ADCNR Datasheet HTML 13Page - Texas Instruments TMP442ADCNR Datasheet HTML 14Page - Texas Instruments TMP442ADCNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REGISTER INFORMATION
POINTER REGISTER
One-ShotStartRegister
ConfigurationRegisters
StatusRegister
IdentificationRegisters
h
-FactorCorrectionRegisters
ConversionRateRegister
LocalandRemoteTemperatureRegisters
SDA
SCL
PointerRegister
I/O
Control
Interface
SoftwareReset
b
-CompensationRegister
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
The TMP441/42 contain multiple registers for holding
configuration information, temperature measurement
results, and status information. These registers are
described in Figure 14 and Table 3.
Figure 14 shows the internal register structure of the
TMP441/42. The 8-bit Pointer Register is used to
address a given data register. The Pointer Register
identifies which of the data registers should respond
to a read or write command on the Two-Wire bus.
This register is set with every write command. A write
command must be issued to set the proper value in
the
Pointer
Register
before
executing
a
read
command. Table 3 describes the pointer address of
Figure 14. Internal Register Structure
the TMP441/42 registers. The power-on reset (POR)
value of the Pointer Register is 00h (0000 0000b).
Table 3. Register Map
BIT DESCRIPTION
POINTER
POR
(HEX)
(HEX)
7
6
5
4
3
2
1
0
REGISTER DESCRIPTION
00
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
Local Temperature (High Byte)(1)
01
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature 1 (High Byte)(1)
02
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature 2 (High Byte)(1)(2)
08
BUSY
0
0
0
0
0
0
0
Status Register
09
00
0
SD
0
0
0
RANGE
0
0
Configuration Register 1
0A
1C/3C(2)
0
0
REN2(2)
REN
LEN
RC
0
0
Configuration Register 2
0B
07
0
0
0
0
0
R2
R1
R0
Conversion Rate Register
0C
08/88(2)
BC23(2)
BC22(2)
BC21(2)
BC20(2)
BC13
BC12
BC11
BC10
Beta Compensation
0F
X
X
X
X
X
X
X
X
One-Shot Start(3)
10
00
LT3
LT2
LT1
LT0
0
0
nPVLD
0
Local Temperature (Low Byte)
11
00
RT3
RT2
RT1
RT0
0
0
nPVLD
OPEN
Remote Temperature 1 (Low Byte)
12
00
RT3
RT2
RT1
RT0
0
0
nPVLD
OPEN
Remote Temperature 2 (Low Byte)(2)
21
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
η Correction 1
22
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
η Correction 2(2)
FC
X
X
X
X
X
X
X
X
Software Reset(4)
FE
55
0
1
0
1
0
1
0
1
Manufacturer ID
41
0
1
0
0
0
0
0
1
TMP441 Device ID
FF
42
0
1
0
0
0
0
1
0
TMP442 Device ID
(1)
Compatible with Two-Byte Read; see Figure 18.
(2)
TMP442 only.
(3)
X = undefined. Writing any value to this register initiates a one-shot start; see the One-Shot Conversion section.
(4)
X = undefined. Writing any value to this register initiates a software reset; see the Software Reset section.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP441 TMP442


Similar Part No. - TMP442ADCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP442 TI1-TMP442 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results

Similar Description - TMP442ADCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP431 TI1-TMP431 Datasheet
956Kb / 40P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP435 TI1-TMP435_15 Datasheet
995Kb / 35P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com