Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C209PN57 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C209PN57
Description  DIGITAL SIGNAL PROCESSORS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C209PN57 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C209PN57 Datasheet HTML 1Page - Texas Instruments TMS320C209PN57 Datasheet HTML 2Page - Texas Instruments TMS320C209PN57 Datasheet HTML 3Page - Texas Instruments TMS320C209PN57 Datasheet HTML 4Page - Texas Instruments TMS320C209PN57 Datasheet HTML 5Page - Texas Instruments TMS320C209PN57 Datasheet HTML 6Page - Texas Instruments TMS320C209PN57 Datasheet HTML 7Page - Texas Instruments TMS320C209PN57 Datasheet HTML 8Page - Texas Instruments TMS320C209PN57 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C203 and TMS320LC203 Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
MEMORY CONTROL SIGNALS (CONTINUED)
STRB
46
O/Z
Strobe signal. STRB is always high unless asserted low to indicate an external bus cycle. STRB goes into the
high-impedance state when OFF is active low.
MULTI-PROCESSING SIGNALS
BR
43
O/Z
Bus-request signal. BR is asserted when a global data-memory access is initiated. BR goes into the
high-impedance state when OFF is active low.
HOLDA
6
O/Z
Hold-acknowledge signal. HOLDA indicates to the external circuitry that the processor is in a hold state and
that the address, data, and memory control lines are in the high-impedance state so that they are available to
the external circuitry for access of local memory. HOLDA goes into the high-impedance state when OFF is
active low.
XF
98
O/Z
External flag output (latched software-programmable signal). XF is used for signalling other processors in
multiprocessing configurations or as a general-purpose output pin. XF goes into the high-impedance state
when OFF is active low.
BIO
99
I
Branch control input. When polled by the BIOZ instruction, if BIO is low, the TMS320C203 executes a
branch. If BIO is not used, it should be pulled high.
IO0
IO1
IO2
IO3
96
97
8
9
I/O/Z
Software-controlled input/output pins by way of the asynchronous serial-port control register (ASPCR). At
reset, IO0–IO3 are configured as inputs. These pins can be used as general-purpose input/output pins or as
handshake control for the UART. IO0–IO3 go into the high-impedance state when OFF is active low.
INITIALIZATION, INTERRUPTS, AND RESET OPERATIONS
RS
100
I
Reset input. RS causes the TMS320C203 to terminate execution and forces the program counter to zero.
When RS is brought high, execution begins at location 0 of program memory after 16 cycles. RS affects
various registers and status bits.
TEST
1
I
Reserved input pin. TEST is connected to VSS for normal operation.
BOOT
2
I
Microprocessor-mode-select pin. When BOOT is high, the device accesses off-chip memory. If BOOT is low,
the on-chip boot-loader transfers data from external global data space to external RAM program space.
NMI
17
I
Nonmaskable interrupt. NMI is an external interrupt that cannot be masked by way of the interrupt-mode bit
(INTM) or the interrupt mask register (IMR). When NMI is activated, the processor traps to the appropriate
vector location. If NMI is not used, it should be pulled high.
HOLD/INT1
18
I
HOLD and INT1 share the same pin. Both are treated as interrupt signals. If the MODE bit is 0 in the
interrupt-control register (ICR), hold logic can be implemented in combination with the IDLE instruction in
software. At reset, the MODE bit in ICR is zero, enabling the HOLD mode for the pin.
INT2
INT3
19
20
I
External user interrupts. INT2 and INT3 are prioritized and maskable by the IMR and the INTM. INT2 and INT3
can be polled and reset by way of the interrupt flag register (IFR). If these signals are not used, they should
be pulled high.
OSCILLATOR, PLL, AND TIMER SIGNALS
TOUT
92
O
Timer output. TOUT signals a pulse when the on-chip timer counts down past zero. The pulse is one
CLKOUT1-cycle wide. TOUT goes into the high-impedance state when OFF is active low.
CLKOUT1
15
O/Z
Master clock ouput signal. The CLKOUT1 high pulse signifies the logic phase while the low pulse signifies the
latch phase.
CLKIN/X2
X1
12
13
I
O
Input clock. CLKIN/X2 is the input clock to the device. As CLKIN, the pin operates as the external oscillator
clock input, and as X2, the pin operates as the internal oscillator input with X1 being the internal oscillator
output.
DIV1
DIV2
3
5
I
DIV1 and DIV2 provide clock-mode inputs.
DIV1–DIV2 should not be changed unless the RS signal is active.
† I = input, O = output, Z = high impedance, PWR = power, GND = ground


Similar Part No. - TMS320C209PN57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C209PN57 TI-TMS320C209PN57 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C209PN57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com