Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VF334EPNA Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS470R1VF334EPNA
Description  16/32-BIT RISC FLASH MICROCONTROLLER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1VF334EPNA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS470R1VF334EPNA Datasheet HTML 3Page - Texas Instruments TMS470R1VF334EPNA Datasheet HTML 4Page - Texas Instruments TMS470R1VF334EPNA Datasheet HTML 5Page - Texas Instruments TMS470R1VF334EPNA Datasheet HTML 6Page - Texas Instruments TMS470R1VF334EPNA Datasheet HTML 7Page - Texas Instruments TMS470R1VF334EPNA Datasheet HTML 8Page - Texas Instruments TMS470R1VF334EPNA Datasheet HTML 9Page - Texas Instruments TMS470R1VF334EPNA Datasheet HTML 10Page - Texas Instruments TMS470R1VF334EPNA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
TMS470R1VF334
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS081D – MARCH 2003 – REVISED AUGUST 2006
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions
† I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
TERMINAL
TYPE†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
VF334
HIGH-END TIMER (HET)
HET[0]
72
3.3-V I/O
IPD
The VF334 device has both the logic and registers for a full 32-I/O HET
implemented, even though not all 32 pins are available externally
Timer input capture or output compare. The HET[31:0] applicable pins can be
programmed as general-purpose input/output (GIO) pins.
HET pins [22, 20, 18, 16, 14, 12, 8, 7, 6, 4, 2, and 0]are high-resolution pins for
VF334.
HET[24] is a standard-resolution pin.
The high-resolution (HR) SHARE feature allows even HR pins to share the next
higher odd HR pin structures. This HR sharing is independent of whether or not
the odd pin is available externally. If an odd pin is available externally and shared,
then the odd pin can only be used as a general-purpose I/O. For more information
on HR SHARE, see the TMS470R1x High-End Timer Reference Guide (literature
number SPNU199).
HET[2]
77
HET[4]
78
HET[6]
79
HET[7]
80
HET[8]
45
HET[12]
15
HET[14]
14
HET[16]
13
HET[18]
39
HET[20]
38
HET[22]
37
HET[24]
27
STANDARD CAN CONTROLLER (SCC)
CANSRX
49
3.3-V I/O
SCC receive pin or GIO pin
CANSTX
50
3.3-V I/O
IPU
SCC transmit pin or GIO pin
CLASS II SERIAL INTERFACE (C2SIA)
C2SIaLPN
28
3.3-V I/O
IPD
C2SIa module loopback enable pin or GIO pin
C2SIaRX
30
3.3-V I/O
C2SIa module receive data input pin or GIO pin
C2SIaTX
29
3.3-V I/O
IPD
C2SIa module transmit data output pin or GIO pin
GENERAL-PURPOSE I/O (GIO)
GIOA[0]/INT0
23
3.3-V I
IPD
General-purpose input/output pins. GIOA[0]/INT[0] is an input-only pin.
GIOA[7:0]/INT[7:0] are interrupt-capable pins.
GIOA[1]/INT[1]/ECLK pin is multiplexed with the external clock-out function of the
external clock prescale (ECP) module.
GIOA[2]/INT[2] and GIOA[3]/INT[3]] pins are not applicable on the VF334 device.
GIOA[1]/INT1/
ECLK
24
3.3-V I/O
GIOA[4]/INT4
20
GIOA[5]/INT5
19
GIOA[6]/INT6
18
GIOA[7]/INT7
17
MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MibADC)
ADEVT
56
3.3-V I/O
IPD
MibADC event input. ADEVT can be programmed as a GIO pin.
ADIN[0]
60
3.3-V I
MibADC analog input pins
The VF334 device has only 8 input channels but all S/W registers are capable.
ADIN[15,13, 11, 9, 7, 5, 3, and 1] pins are not applicable to the VF334 device.
ADIN[2]
59
ADIN[4]
58
ADIN[6]
57
ADIN[8]
64
ADIN[10]
62
ADIN[12]
63
ADIN[14]
61
ADREFHI
65
3.3-V REF I
MibADC module high-voltage reference input
ADREFLO
66
GND REF I
MibADC module low-voltage reference input
VCCAD
67
3.3-V
PWR
MibADC analog supply voltage
VSSAD
68
GND
MibADC analog ground reference


Similar Part No. - TMS470R1VF334EPNA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF3382 TI-TMS470R1VF3382 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF3382APZ-T TI-TMS470R1VF3382APZ-T Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF3382APZA TI-TMS470R1VF3382APZA Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
More results

Similar Description - TMS470R1VF334EPNA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com