Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VF55BAPGET Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS470R1VF55BAPGET
Description  16/32-BIT RISC FLASH MICROCONTROLLER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1VF55BAPGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS470R1VF55BAPGET Datasheet HTML 7Page - Texas Instruments TMS470R1VF55BAPGET Datasheet HTML 8Page - Texas Instruments TMS470R1VF55BAPGET Datasheet HTML 9Page - Texas Instruments TMS470R1VF55BAPGET Datasheet HTML 10Page - Texas Instruments TMS470R1VF55BAPGET Datasheet HTML 11Page - Texas Instruments TMS470R1VF55BAPGET Datasheet HTML 12Page - Texas Instruments TMS470R1VF55BAPGET Datasheet HTML 13Page - Texas Instruments TMS470R1VF55BAPGET Datasheet HTML 14Page - Texas Instruments TMS470R1VF55BAPGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
TMS470R1VF55BA
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS087A – AUGUST 2003 – REVISED AUGUST 2004
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions (Continued)
† I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
TERMINAL
TYPE†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
NO.
TEST/DEBUG (T/D) (CONTINUED)
TEST
38
3.3-V I
IPD
Test enable. Reserved for internal use only. TI recommends that this pin be connected
to ground or pulled down to ground by an external resistor.
TMS
120
3.3-V I
IPU
Serial input for controlling the state of the CPU test access port (TAP) controller (JTAG)
TMS2
121
3.3-V I
IPU
Serial input for controlling the second TAP. TI recommends that this pin be connected
to VCCIO or pulled up to VCCIO by an external resistor.
TRST
37
3.3-V I
IPD
Test hardware reset to TAP1 and TAP2. IEEE Standard 1149-1 (JTAG) Boundary-
Scan Logic. TI recommends that this pin be pulled down to ground by an external
resistor.
FLASH
FLTP1
134
NC
Flash test pad 1. For proper operation, this pin must not be connected [no
connect (NC)].
FLTP2
133
NC
Flash test pad 2. For proper operation, this pin must not be connected [no
connect (NC)].
VCCP
135
3.3-V
PWR
Flash external pump voltage (3.3 V). This pin is required for both Flash read and Flash
program and erase operations.
SUPPLY VOLTAGE CORE (1.8 V)
VCC
14
1.8-V
PWR
Core logic supply voltage
31
55
86
93
128
132
SUPPLY VOLTAGE DIGITAL I/O (3.3 V)
VCCIO
17
3.3-V
PWR
Digital I/O supply voltage
53
82
SUPPLY GROUND CORE
VSS
11
GND
Core supply ground reference
30
54
85
92
127
131
136
SUPPLY GROUND DIGITAL I/O
VSSIO
16
GND
Digital I/O supply ground reference
52
81


Similar Part No. - TMS470R1VF55BAPGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF288 TI-TMS470R1VF288 Datasheet
954Kb / 68P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334A TI1-TMS470R1VF334A Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNA TI1-TMS470R1VF334EPNA Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNQ TI1-TMS470R1VF334EPNQ Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNT TI1-TMS470R1VF334EPNT Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Similar Description - TMS470R1VF55BAPGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com