Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VF478GJZA Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS470R1VF478GJZA
Description  16/32-BIT RISC FLASH MICROCONTROLLER
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1VF478GJZA Datasheet(HTML) 4 Page - Texas Instruments

  TMS470R1VF478GJZA Datasheet HTML 1Page - Texas Instruments TMS470R1VF478GJZA Datasheet HTML 2Page - Texas Instruments TMS470R1VF478GJZA Datasheet HTML 3Page - Texas Instruments TMS470R1VF478GJZA Datasheet HTML 4Page - Texas Instruments TMS470R1VF478GJZA Datasheet HTML 5Page - Texas Instruments TMS470R1VF478GJZA Datasheet HTML 6Page - Texas Instruments TMS470R1VF478GJZA Datasheet HTML 7Page - Texas Instruments TMS470R1VF478GJZA Datasheet HTML 8Page - Texas Instruments TMS470R1VF478GJZA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
TMS470R1VF478
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS082D – JANUARY 2004 – REVISED JANUARY 2006
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
device characteristics
The TMS470R1VF478 device is a derivative of the F05 system emulation device SE470R1VB8AD. Table 1
identifies all the characteristics of the TMS470R1VF478 device except the SYSTEM and CPU, which are
generic. The COMMENTS column aids the user in software-programming and references device-specific
information.
Table 1. Device Characteristics
CHARACTERISTICS
DEVICE DESCRIPTION
TMS470R1VF478
COMMENTS FOR VF478
MEMORY
For the number of memory selects on this device, see the Memory Selection Assignment table (Table 2).
INTERNAL
MEMORY
288K-Byte flash
16K-Byte SRAM
Flash is pipeline-capable
The VF478 RAM is implemented in one 16K array selected by two memory-
select signals (see the Memory Selection Assignment table, Table 2).
PERIPHERALS
For the device-specific interrupt priority configurations, see the Interrupt Priority table (Table 6). And for the 1K peripheral address ranges and
their peripheral selects, see the VF478 Peripherals, System Module, and Flash Base Addresses table (Table 4).
CLOCK
FMPLL
FMPLL has no external loop filter pins.
GENERAL-PURPOSE
I/Os
3 I/O
1 Input only
Only four (4) external pins
SCI
1 (3-pin)
CAN
(HECC and/or SCC)
1 HECC, 1 SCC
High-end CAN controller and standard CAN controller
SPI
(5-pin, 4-pin or 3-pin)
2 (5-pin)
SPI1 and SPI2
MibSPI
(5-pin, 4-pin or 3-pin)
1 (5-pin)
HET with
XOR Share
32 I/O
The high-resolution (HR) SHARE feature allows even HR pins to share the next
higher odd HR pin structures. This HR sharing is independent of whether or not
the odd pin is available externally. If an odd pin is available externally and shared,
then the odd pin can only be used as a general-purpose I/O. For more information
on HR SHARE, see the TMS470R1x High-End Timer (HET) Reference Guide
(literature number SPNU199).
HET RAM
128-Instruction Capacity
MibADC
2 10-bit, 16-channel
128-word FIFO
MibADC1 and MibADC2
CORE VOLTAGE
1.8 V
I/O VOLTAGE
3.3 V
PINS
176
PACKAGE
GJZ


Similar Part No. - TMS470R1VF478GJZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF448 TI-TMS470R1VF448 Datasheet
819Kb / 60P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF448PZA TI-TMS470R1VF448PZA Datasheet
819Kb / 60P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF448PZQ TI-TMS470R1VF448PZQ Datasheet
819Kb / 60P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF448PZT TI-TMS470R1VF448PZT Datasheet
819Kb / 60P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF45AA TI1-TMS470R1VF45AA Datasheet
786Kb / 59P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Similar Description - TMS470R1VF478GJZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com