Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VF55BBPGEQ Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS470R1VF55BBPGEQ
Description  16/32-BIT RISC FLASH MICROCONTROLLER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1VF55BBPGEQ Datasheet(HTML) 3 Page - Texas Instruments

  TMS470R1VF55BBPGEQ Datasheet HTML 1Page - Texas Instruments TMS470R1VF55BBPGEQ Datasheet HTML 2Page - Texas Instruments TMS470R1VF55BBPGEQ Datasheet HTML 3Page - Texas Instruments TMS470R1VF55BBPGEQ Datasheet HTML 4Page - Texas Instruments TMS470R1VF55BBPGEQ Datasheet HTML 5Page - Texas Instruments TMS470R1VF55BBPGEQ Datasheet HTML 6Page - Texas Instruments TMS470R1VF55BBPGEQ Datasheet HTML 7Page - Texas Instruments TMS470R1VF55BBPGEQ Datasheet HTML 8Page - Texas Instruments TMS470R1VF55BBPGEQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
TMS470R1VF55BA
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS087A – AUGUST 2003 – REVISED AUGUST 2004
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
description
The TMS470R1VF55BAdevice is a member of the Texas Instruments (TI) TMS470R1x family of general-
purpose16/32-bit reduced instruction set computer (RISC) microcontrollers. The VF55BA microcontroller offers
high performance utilizing the high-speed ARM7TDMI 16/32-bit RISC central processing unit (CPU), resulting
in a high instruction throughput while maintaining greater code efficiency. The ARM7TDMI 16/32-bit RISC CPU
views memory as a linear collection of bytes numbered upwards from zero. The TMS470R1VF55BA utilizes
the big-endian format where the most significant byte of a word is stored at the lowest numbered byte and the
least significant byte at the highest numbered byte.
High-end embedded control applications demand more performance from their controllers while maintaining
low costs. The VF55BA RISC core architecture offers solutions to these performance and cost demands while
maintaining low power consumption.
The VF55BA device contains the following:
ARM7TDMI 16/32-Bit RISC CPU
TMS470R1x system module (SYS) with 470+ enhancements [including an interrupt expansion module
(IEM) and a 16-channel direct-memory access (DMA) controller]
768K-byte Flash
48K-byte SRAM
Zero-pin phase-locked loop (ZPLL) clock module
Analog watchdog (AWD) timer
Real-time interrupt (RTI) module
Five serial peripheral interface (SPI) modules
Two serial communications interface (SCI) modules
Three high-end CAN controller (HECC) modules
10-bit multi-buffered analog-to-digital converter (MibADC) with 16 input channels
High-end timer (HET) controlling 32 I/Os
External clock prescale (ECP) module
Up to 86 I/O pins and 1 input-only pin
The functions performed by the 470+ system module (SYS) include: address decoding; memory protection;
memory and peripherals bus supervision; reset and abort exception management; expanded interrupt capability
with prioritization for all internal interrupt sources; device clock control; direct-memory access and control; and
parallel signature analysis (PSA). This data sheet includes device-specific information such as memory and
peripheral select assignment, interrupt priority, and a device memory map. For a more detailed functional
description of the SYS module, see the TMS470R1x System Module Reference Guide (literature number
SPNU189). For a more detailed functional description of the IEM module, see the TMS470R1x Interrupt Ex-
pansion Module (IEM) Reference Guide (literature number SPNU211). And for a more detailed functional
description of the DMA module, see the TMS470R1x Direct-Memory Access (DMA) Controller Reference Guide
(literature number SPNU210).
The VF55BA memory includes general-purpose SRAM supporting single-cycle read/write accesses in byte,
half-word, and word modes.
The Flash memory on this device is a nonvolatile, electrically erasable and programmable memory implemented
with a 32-bit-wide data bus interface.The Flash operates with a system clock frequency of up to 24 MHz. When
in pipeline mode, the Flash operates with a system clock frequency of up to 60 MHz. For more detailed
information on the F05 devices Flash, see the F05 Flash section of this data sheet and the TMS470R1x F05
Flash Reference Guide (literature number SPNU213).
† Throughout the remainder of this document, TMS470R1VF55BA shall be referred to as either the full device name or VF55BA.


Similar Part No. - TMS470R1VF55BBPGEQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF288 TI-TMS470R1VF288 Datasheet
954Kb / 68P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334A TI1-TMS470R1VF334A Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNA TI1-TMS470R1VF334EPNA Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNQ TI1-TMS470R1VF334EPNQ Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNT TI1-TMS470R1VF334EPNT Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Similar Description - TMS470R1VF55BBPGEQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com