Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS465409P Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS465409P
Description  16 777 216 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS465409P Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS465409P Datasheet HTML 5Page - Texas Instruments TMS465409P Datasheet HTML 6Page - Texas Instruments TMS465409P Datasheet HTML 7Page - Texas Instruments TMS465409P Datasheet HTML 8Page - Texas Instruments TMS465409P Datasheet HTML 9Page - Texas Instruments TMS465409P Datasheet HTML 10Page - Texas Instruments TMS465409P Datasheet HTML 11Page - Texas Instruments TMS465409P Datasheet HTML 12Page - Texas Instruments TMS465409P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TMS464409, TMS464409P, TMS465409, TMS465409P
16 777 216 BY 4-BIT EXTENDED DATA OUT
DYNAMIC RANDOM-ACCESS MEMORIES
SMKS895A – MAY 1997 – REVISED OCTOBER 1997
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
TMS464409 /P
PARAMETER
TEST CONDITIONS†
’464409-40
’464409P-40
’464409-50
’464409P-50
’464409-60
’464409P-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOH
High-level
IOH = – 2 mA
LVTTL
2.4
2.4
2.4
V
VOH
g
output voltage
IOH = – 100 µA
LVCMOS
VCC – 0.2
VCC – 0.2
VCC – 0.2
V
VOL
Low-level
IOL = 2 mA
LVTTL
0.4
0.4
0.4
V
VOL
output voltage
IOL = 100 µA
LVCMOS
0.2
0.2
0.2
V
II
Input current
(leakage)
VCC = 3.6 V,
VI = 0 V to 3.9 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 3.6 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1‡§
Average read-
or write-cycle
current
VCC = 3.6 V,
Minimum cycle
125
100
90
mA
Average
After one memory cycle,
RAS and CAS high,
VIH = 2 V (LVTTL)
1
1
1
mA
ICC2
Average
standby current
After one memory cycle,
RAS and CAS high,
’464409
500
500
500
µA
g,
VIH = VCC – 0.2 V
(LVCMOS)
’464409P
150
150
150
µA
ICC3§
Average
RAS-only
refresh current
VCC = 3.6 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only)
125
100
90
mA
ICC4‡¶
Average EDO
current
VCC = 3.6 V,
tPC = minimum,
RAS low,
CAS cycling
140
110
90
mA
ICC5
Average CBR
refresh current
VCC = 3.6 V,
Minimum cycle,
RAS low after CAS low
160
130
110
mA
ICC6#
Average
self-refresh
current
CAS < 0.2 V,
RAS < 0.2 V,
Measured after tRASS minimum
300
300
300
µA
ICC10#
Average
battery-backup
operating
current,
CBR only
tRAS ≤ 300 ns, tRC = 31.25 ms
VCC – 0.2 V ≤ VIH ≤ 3.9 V,
0 V
≤ VIL ≤ 0.2 V,
W and OE = VIH,
Address and data stable
400
400
400
µA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change per EDO cycle, tHPC
# For TMS464409P only


Similar Part No. - TMS465409P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS465169 TI1-TMS465169 Datasheet
469Kb / 30P
[Old version datasheet]   4 194304 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS465169P TI-TMS465169P Datasheet
463Kb / 30P
[Old version datasheet]   DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS465409P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS465169 TI1-TMS465169 Datasheet
469Kb / 30P
[Old version datasheet]   4 194304 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
National Semiconductor ...
TMS416409A NSC-TMS416409A Datasheet
515Kb / 37P
   4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Texas Instruments
TMS417809A TI1-TMS417809A Datasheet
427Kb / 29P
[Old version datasheet]   2097152 BY 8-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com