Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2038D1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2038D1
Description  3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2038D1 Datasheet(HTML) 2 Page - Texas Instruments

  TPA2038D1 Datasheet HTML 1Page - Texas Instruments TPA2038D1 Datasheet HTML 2Page - Texas Instruments TPA2038D1 Datasheet HTML 3Page - Texas Instruments TPA2038D1 Datasheet HTML 4Page - Texas Instruments TPA2038D1 Datasheet HTML 5Page - Texas Instruments TPA2038D1 Datasheet HTML 6Page - Texas Instruments TPA2038D1 Datasheet HTML 7Page - Texas Instruments TPA2038D1 Datasheet HTML 8Page - Texas Instruments TPA2038D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPA2038D1
SLOS697
– AUGUST 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGED DEVICES(1)
PART NUMBER(2)
SYMBOL
TPA2038D1YFFR
QWK
-40
°C to 85°C
9-ball WCSP
TPA2038D1YFFT
QWK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com
(2)
The YFF package is only available taped and reeled. The suffix
"R" indicates a reel of 3000, the suffix "T" indicates a reel of 250.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
(1)
VALUE
UNIT
In active mode
–0.3 to 6.0
V
VDD, PVDD
Supply voltage
In shutdown mode
–0.3 to 6.0
V
VI
Input voltage
EN, IN+, IN
–0.3 to VDD + 0.3
V
RL
Minimum load resistance
3.2
Ω
Output continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 85
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to Absolute Maximum Ratings conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
PACKAGE
DERATING FACTOR(1)
TA < 25°C
TA = 70°C
TA = 85°C
YFF (WCSP)
4.2 mW/
°C
525 mW
336 mW
273 mW
(1)
Derating factor measure with high K board.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD,
Class-D supply voltage
2.5
5.5
V
PVDD
VIH
High-level input voltage
EN, GAIN
1.3
V
VIL
Low-level input voltage
EN, GAIN
0.35
V
VIC
Common mode input voltage range
VDD = 2.5 V, 5.5 V, CMRR ≥ 49 dB
0.75
VDD-1.1
V
TA
Operating free-air temperature
–40
85
°C
GAIN SETTING
GAIN PIN
GAIN SETTING
GND
12 dB
VDD
6 dB
2
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPA2038D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
More results

Similar Description - TPA2038D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com