Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W04 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # W04
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

W04 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  W04 Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 50 TO 1000V
CURRENT: 1.5A
FEATURES
• Ideal for printed circuit board
• Surge overload rating: 50 A peak
• High case dielectric strength
• High temperature soldering guaranteed:
250
oC/10sec/0.375"(9.5mm) lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: UL-94 Class V-O recognized flame
retardant epoxy
• Polarity: Polarity symbol marked on body
• Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL W005 W01 W02 W04 W06 W08 W10 UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(Ta=50
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at forward current 1.5A DC)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=100
oC
µA
Operating Temperature Range
TJ
oC
Storage Temperature
TSTG
oC
http://www.sse-diode.com
W005 THRU W10
SINGLE PHASE SILICON
BRIDGE RECTIFIER
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load,
derate current by 20%)
RATINGS
IF(AV)
1.5
A
IFSM
50
A
VF
1.0
V
-55 to +150
IR
10.0
500
-55 to +125
TECHNICAL
SPECIFICATION
WOB
Dimensions in inches and (millimeters)


Similar Part No. - W04

ManufacturerPart #DatasheetDescription
logo
Surge Components
W04 SURGE-W04 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
CHENG-YI ELECTRONIC CO....
W04 CHENG-YI-W04 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Suntan Capacitors
W04 SUNTAN-W04 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Semtech Corporation
W04 SEMTECH-W04 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Silicon Standard Corp.
W04 SSC-W04 Datasheet
276Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - W04

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com