Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6139A2PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6139A2PW
Description  DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6139A2PW Datasheet HTML 5Page - Texas Instruments TPA6139A2PW Datasheet HTML 6Page - Texas Instruments TPA6139A2PW Datasheet HTML 7Page - Texas Instruments TPA6139A2PW Datasheet HTML 8Page - Texas Instruments TPA6139A2PW Datasheet HTML 9Page - Texas Instruments TPA6139A2PW Datasheet HTML 10Page - Texas Instruments TPA6139A2PW Datasheet HTML 11Page - Texas Instruments TPA6139A2PW Datasheet HTML 12Page - Texas Instruments TPA6139A2PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
OPAMP
Co
Mute Circuit
Output
MUTE
9-12 V
+
+
+
-
TPA6139A2
Output
3.3 V
-
Conventional solution
TPA 6139 A 2 Solution
VDD
VSS
GND
VDD
VDD/2
GND
DirectPath
MUTE
TPA6139A2
www.ti.com
SLOS700B – JANUARY 2011 – REVISED JUNE 2012
APPLICATION INFORMATION
LINE DRIVER AMPLIFIERS
Single-supply line-driver amplifiers typically require dc-blocking capacitors. The top drawing in Figure 9 illustrates
the conventional line-driver amplifier connection to the load and output signal.
DC blocking capacitors are often large in value, and a mute circuit is needed during power up to minimize click
and pop. The output capacitor and mute circuit consume PCB area and increase cost of assembly, and can
reduce the fidelity of the audio output signal.
Figure 9. Conventional and DirectPath Line Driver
The DirectPath™ amplifier architecture operates from a single supply but makes use of an internal charge pump
to provide a negative voltage rail.
Combining the user-provided positive rail and the negative rail generated by the IC, the device operates in what
is effectively a split supply mode.
The output voltages are now centered at zero volts with the capability to swing to the positive rail or negative rail.
Combining this with the built-in click and pop reduction circuit, the DirectPath™ amplifier requires no output dc
blocking capacitors.
The bottom block diagram and waveform of Figure 9 illustrate the ground-referenced line-driver architecture. This
is the architecture of the TPA6139A2.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPA6139A2


Similar Part No. - TPA6139A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2PW TI1-TPA6139A2PW Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2PWR TI1-TPA6139A2PWR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
More results

Similar Description - TPA6139A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com