Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC84000-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC84000-Q1
Description  LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC84000-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC84000-Q1 Datasheet HTML 5Page - Texas Instruments TPIC84000-Q1 Datasheet HTML 6Page - Texas Instruments TPIC84000-Q1 Datasheet HTML 7Page - Texas Instruments TPIC84000-Q1 Datasheet HTML 8Page - Texas Instruments TPIC84000-Q1 Datasheet HTML 9Page - Texas Instruments TPIC84000-Q1 Datasheet HTML 10Page - Texas Instruments TPIC84000-Q1 Datasheet HTML 11Page - Texas Instruments TPIC84000-Q1 Datasheet HTML 12Page - Texas Instruments TPIC84000-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPIC84134-Q1
www.ti.com
SLDS176 – AUGUST 2010
Operation Modes
There are two operating modes: SLEEP mode and WAKE-UP mode.
In WAKE-UP mode, the device is either ready for the next transmission, or it is transmitting data. The wake-up
command and the output configuration command are separated to avoid noise on the VS/2 signal at wake up.
Note that the start command must happen at least 128 clock cycles after the wake-up command. The device
transitions from the WAKE-UP mode to the SLEEP mode when the following conditions occur:
The Sleep bit in Configuration Register is set to 1 via SPI
or
An over temperature fault condition is detected
or
VS or VD under voltage is detected
In SLEEP mode, the sine wave generation block is off, the outputs are in tri-state, the SPI is functioning, but the
flags are not updated. The device goes from SLEEP mode to WAKE-UP mode when the following conditions
occur:
The Sleep bit is set to 0 via the SPI
or
The Sleep bit is set to 0 via the SPI and the CSR is read in case of an over temperature detection or VS
under voltage
NOTE
When operating in the tri-state mode, there is a pull down of typically 150 k
Ω at the Outx
pins.
Diagnosis
As a function of protecting the TPIC84134 various diagnostic features such as over temperature warning, over
temperature pre-warning and energy limiting protection have been implemented. Flags within a register are used
to highlight a particular fault, or diagnosis, to the main controller, where each fault is essentially latched within the
register until it is read by SPI interface. After having been read by the SPI, the register is then cleared. This
protection scheme is implemented within the TPIC84134 itself, as follows:
Over Temperature
When over-temperature occurs while the device is operating in WAKE-UP mode; where upon over temperature
the device goes to SLEEP mode and the "over temperature" and "failure" flags are set to 1 in the CSR.
If the device is in SLEEP mode, it stays in this mode but no SPI flag is updated.
Temperature Pre-Warning
Temperature pre-warning has no impact on the operating mode of the device. If the device is in WAKE-UP
mode, the "temperature pre-warning" flag is set to 1 in the CSR; if the device is in SLEEP mode, no SPI flag is
updated.
Under Voltage
VS under voltage: Occurs when VS goes below the VS under voltage threshold
If the device is in WAKE-UP mode, it goes to SLEEP mode and the "under voltage at VS" and "failure"
flags are set to 1 in the CSR.
If the device is in SLEEP mode, it stays in this mode but no SPI flag is updated.
VD under voltage: Occurs when VD goes below the VD under voltage
If the device is in WAKE-UP mode, it goes to SLEEP mode and the "under voltage at VD" and "failure"
flags are set to 1 in the CSR.
If the device is in SLEEP mode, it stays in this mode but no SPI flag is updated.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPIC84134-Q1


Similar Part No. - TPIC84000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84000TPWPRQ1 TI1-TPIC84000TPWPRQ1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84000TPWPRQ1 TI-TPIC84000TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
More results

Similar Description - TPIC84000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84125-Q1 TI1-TPIC84125-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TRF4140-Q1 TI1-TRF4140-Q1 Datasheet
395Kb / 12P
[Old version datasheet]   Abstract Low-Frequency Transceiver for Immobilizer, Passive Start, Passive Entry, and Wireless Charging Systems
logo
Taoglas antenna solutio...
TG080113 TAOGLAS-TG080113 Datasheet
3Mb / 26P
   Monopole Passive Antenna Broadband frequency range for cellular and GNSS
TG.08.0113 TAOGLAS-TG.08.0113 Datasheet
3Mb / 26P
   Monopole Passive Antenna
TG.08.0113-2 TAOGLAS-TG.08.0113-2 Datasheet
8Mb / 62P
   Monopole Passive Antenna
logo
Maxtena Inc.
M1516HCT-GN MAXTENA-M1516HCT-GN Datasheet
827Kb / 4P
   GPS/GLONASS PASSIVE ANTENNA
REV A
MEA-1621-AM MAXTENA-MEA-1621-AM Datasheet
1Mb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
MEA-1621 MAXTENA-MEA-1621 Datasheet
442Kb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
   Passive Frequency Doublers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com