Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0202-10MRTER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0202-10MRTER
Description  256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0202-10MRTER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL0202-10MRTER Datasheet HTML 2Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 3Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 4Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 5Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 6Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 7Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 8Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 9Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
H
L
W
R
TOTAL
C
L
C
H
C
W
k
i
ii
V
0 for k i
i
I
Y
V
=
¹
=
TPL0202
SLIS135C – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 2.7V to 5.5V, TA=-40°C to 85°C (unless otherwise noted). Typical values are at VDD=5V, TA=25°C (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
End-to-end Resistance
RTOT
(Between H and L
8
10
12
k
Ω
Terminals)
VH, VL
Terminal voltage range
0
VDD
V
RH, RL
Terminal resistance
60
200
Ω
RW
Wiper resistance
25
100
Ω
CH, CL
(1) (2)
Terminal capacitance
22
pF
CW
(1) (2)
Wiper capacitance
18
pF
VH = VSS to VDD, VL = Floating
Terminal Leakage
ILKG
OR
0.1
1
µA
Current
VL = VSS to VDD, VH = Floating
Resistance temperature
TCR
Input Code = 0x80h
132
ppm/°C
coefficient
Channel-to-channel
RTOT,MATCH
0.1
%
resistance match
Voltage Divider Mode
INL(3)(4)
Integral non-linearity
–1
1
LSB
DNL(3)(5)
Differential non-linearity
–0.5
0.5
LSB
ZSERROR
(6) (7)
Zero-scale error
0
2
5
LSB
FSERROR
(6) (8)
Full-scale error
–5
–2
0
LSB
Channel-to-Channel
Wiper at the same tap position, same voltage all H and
VMATCH
(6) (9)
–2
2
LSB
matching
the same voltage at all L terminals
Ratiometric
TCV
Wiper set at mid-scale
12
ppm/°C
temperature coefficient
Wiper set at mid-scale
BW
Bandwidth
2000
kHz
CLOAD = 10 pF
TSW
Wiper setting time
0.4
µS
VH = 1 VRMS at 1 kHz,
Total harmonic
THD
VL = VDD/2,
0.03
%
distortion
Measurement at W
fH = 1 kHz,
XTALK
Crosstalk
VL = GND,
–94
dB
Measurement at W
(1)
Terminal and Wiper Capacitance extracted from self admittance of three port network measurement
(2)
Digital Potentiometer Macromodel
(3)
LSB = (VMEAS[code 255] – VMEAS[code 0]) / 255
(4)
INL = ((VMEAS[code x] – VMEAS[code 0]) / LSB) - [code x]
(5)
DNL = ((VMEAS[code x] – VMEAS[code x-1]) / LSB) – 1
(6)
IDEAL_LSB = (VH-VL) / 256
(7)
ZSERROR = VMEAS[code 0] / IDEAL_LSB
(8)
FSERROR = [(VMEAS[code 255] – (VH-VL)) / IDEAL_LSB] + 1
(9)
VMATCH = (VMEAS_A[code x] – VMEAS_B[code x]) / IDEAL_LSB
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPL0202


Similar Part No. - TPL0202-10MRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0202 TI1-TPL0202 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Potentiometer
More results

Similar Description - TPL0202-10MRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Analog Devices
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com