Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0202-10MRTER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0202-10MRTER
Description  256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0202-10MRTER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPL0202-10MRTER Datasheet HTML 6Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 7Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 8Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 9Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 10Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 11Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 12Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 13Page - Texas Instruments TPL0202-10MRTER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
0
1
2
3
4
-40
-15
10
35
60
85
T - Free-Air Temperature - °C
A
5.5 V
5 V
2.7 V
-4
-3
-2
-1
0
-40
-15
10
35
60
85
T - Free-Air Temperature - °C
A
5.5 V
5 V
2.7 V
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
32
64
96
128
160
192
224
Digital Code
5.5 V
5 V
2.7 V
5.5 V
5 V
2.7 V
-0.1
0
0.1
0.2
0.3
0.4
0
32
64
96
128
160
192
224
Digital Code
TPL0202
SLIS135C – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
TYPICAL PERFORMANCE CURVES (continued)
VOLTAGE DIVIDER MODE INL
VOLTAGE DIVIDER MODE DNL
vs
vs
SUPPLY VOLTAGE (25°C)
SUPPLY VOLTAGE (25°C)
VOLTAGE DIVIDER MODE ZS ERROR
VOLTAGE DIVIDER MODE FS ERROR
vs
vs
TEMPERATURE
TEMPERATURE
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPL0202


Similar Part No. - TPL0202-10MRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0202 TI1-TPL0202 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Potentiometer
More results

Similar Description - TPL0202-10MRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Analog Devices
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com