Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0501-100DCNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0501-100DCNR
Description  256 Taps Single Channel Digital Potentiometer With SPI Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0501-100DCNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL0501-100DCNR Datasheet HTML 7Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 8Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 9Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 10Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 11Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 12Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 13Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 14Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TPL0501
www.ti.com
SLIS136A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
10 k
Ω
Step
Binary
RHW/RWL
RHW (kΩ)
RWL (kΩ)
129
10000001
50.39
49.61
1.02
130
10000010
50.78
49.22
1.03
131
10000011
51.17
48.83
1.05
132
10000100
51.56
48.44
1.06
133
10000101
51.95
48.05
1.08
134
10000110
52.34
47.66
1.10
135
10000111
52.73
47.27
1.12
136
10001000
53.13
46.88
1.13
137
10001001
53.52
46.48
1.15
138
10001010
53.91
46.09
1.17
139
10001011
54.30
45.70
1.19
140
10001100
54.69
45.31
1.21
141
10001101
55.08
44.92
1.23
142
10001110
55.47
44.53
1.25
143
10001111
55.86
44.14
1.27
144
10010000
56.25
43.75
1.29
145
10010001
56.64
43.36
1.31
146
10010010
57.03
42.97
1.33
147
10010011
57.42
42.58
1.35
148
10010100
57.81
42.19
1.37
149
10010101
58.20
41.80
1.39
150
10010110
58.59
41.41
1.42
151
10010111
58.98
41.02
1.44
152
10011000
59.38
40.63
1.46
153
10011001
59.77
40.23
1.49
154
10011010
60.16
39.84
1.51
155
10011011
60.55
39.45
1.53
156
10011100
60.94
39.06
1.56
157
10011101
61.33
38.67
1.59
158
10011110
61.72
38.28
1.61
159
10011111
62.11
37.89
1.64
160
10100000
62.50
37.50
1.67
161
10100001
62.89
37.11
1.69
162
10100010
63.28
36.72
1.72
163
10100011
63.67
36.33
1.75
164
10100100
64.06
35.94
1.78
165
10100101
64.45
35.55
1.81
166
10100110
64.84
35.16
1.84
167
10100111
65.23
34.77
1.88
168
10101000
65.63
34.38
1.91
169
10101001
66.02
33.98
1.94
170
10101010
66.41
33.59
1.98
171
10101011
66.80
33.20
2.01
172
10101100
67.19
32.81
2.05
173
10101101
67.58
32.42
2.08
174
10101110
67.97
32.03
2.12
175
10101111
68.36
31.64
2.16
176
10110000
68.75
31.25
2.20
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPL0501


Similar Part No. - TPL0501-100DCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0501-100DCNR TI1-TPL0501-100DCNR Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results

Similar Description - TPL0501-100DCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com