Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A3001DGNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3001DGNR
Description  ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3001DGNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A3001DGNR Datasheet HTML 6Page - Texas Instruments TPS7A3001DGNR Datasheet HTML 7Page - Texas Instruments TPS7A3001DGNR Datasheet HTML 8Page - Texas Instruments TPS7A3001DGNR Datasheet HTML 9Page - Texas Instruments TPS7A3001DGNR Datasheet HTML 10Page - Texas Instruments TPS7A3001DGNR Datasheet HTML 11Page - Texas Instruments TPS7A3001DGNR Datasheet HTML 12Page - Texas Instruments TPS7A3001DGNR Datasheet HTML 13Page - Texas Instruments TPS7A3001DGNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Time(10 s/div)
m
V
= 1.2V
V
= 3V
I
=1mA
C
=C
=2.2 F
C
=0pF
-
-
m
OUT
OUT
IN
OUT
IN
NR/SS
V
EN
V
OUT
Time(20 s/div)
m
V
= 1.2V
V
= 3V
I
=1mA
C
=C
=2.2 F
C
=100pF
-
-
m
OUT
OUT
IN
OUT
IN
NR/SS
V
EN
V
OUT
Time(100 s/div)
m
V
= 1.2V
V
= 3V
I
=1mA
C
=C
=2.2 F
C
=1nF
-
-
m
OUT
OUT
IN
OUT
IN
NR/SS
V
EN
V
OUT
Time(1ms/div)
V
= 1.2V
V
= 3V
I
=1mA
C
=C
=2.2 F
C
=10nF
-
-
m
OUT
OUT
IN
OUT
IN
NR/SS
V
EN
V
OUT
Time(10 s/div)
m
V
= 20Vto
I
=200mA
C
=2.2 F
-
m
-4.3V
IN
OUT
OUT
V
OUT
V
IN
Time(10 s/div)
m
V
= 4.3Vto
I
=200mA
C
=2.2 F
-
m
-20V
IN
OUT
OUT
V
OUT
V
IN
TPS7A30xx
SBVS125A
– AUGUST 2010 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C, |VIN| = |VOUT(NOM)| + 1.0V or |VIN| = 3.0V (whichever is greater), VEN = VIN, IOUT = 1mA, CIN = 2.2μF,
COUT = 2.2μF, CNR/SS = 0nF, and the FB pin tied to OUT, unless otherwise noted.
CAPACITOR-PROGRAMMABLE SOFT START
CAPACITOR-PROGRAMMABLE SOFT START
Figure 22.
Figure 23.
CAPACITOR-PROGRAMMABLE SOFT START
CAPACITOR-PROGRAMMABLE SOFT START
Figure 24.
Figure 25.
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TPS7A3001DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3001DGNR TI-TPS7A3001DGNR Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001DGNR TI-TPS7A3001DGNR Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001DGNR TI1-TPS7A3001DGNR Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
More results

Similar Description - TPS7A3001DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Linear Technology
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
   ??6V, 1.5A Negative Linear Regulator
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
logo
NTE Electronics
NTE963 NTE-NTE963 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -6V, 1A
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com