Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4001 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4001
Description  100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4001 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A4001 Datasheet HTML 1Page - Texas Instruments TPS7A4001 Datasheet HTML 2Page - Texas Instruments TPS7A4001 Datasheet HTML 3Page - Texas Instruments TPS7A4001 Datasheet HTML 4Page - Texas Instruments TPS7A4001 Datasheet HTML 5Page - Texas Instruments TPS7A4001 Datasheet HTML 6Page - Texas Instruments TPS7A4001 Datasheet HTML 7Page - Texas Instruments TPS7A4001 Datasheet HTML 8Page - Texas Instruments TPS7A4001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
D%VOUT
DVIN
D%VOUT
DIOUT
TPS7A4001
www.ti.com
SBVS162A
– MARCH 2011 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 2.0V or VIN = 7.0V (whichever is greater), VEN = VIN, IOUT = 100µA, CIN = 1μF, COUT = 4.7μF,
and FB tied to OUT, unless otherwise noted.
TPS7A4001
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
7.0
100.0
V
VREF
Internal reference
TJ = +25°C, VFB = VREF, VIN = 9V, IOUT = 25mA
1.161
1.173
1.185
V
Output voltage range(1)
VIN ≥ VOUT(NOM) + 2.0V
VREF
90
V
Nominal accuracy
TJ = +25°C, VIN = 9V, IOUT = 25mA
–1.0
+1.0
%VOUT
VOUT
VOUT(NOM) + 2.0V ≤ VIN ≤ 24V
(2)
Overall accuracy
–2.5
+2.5
%VOUT
100
µA ≤ IOUT ≤ 50mA
Line regulation
7V
≤ VIN ≤ 100V
0.03
%VOUT
Load regulation
100
µA ≤ IOUT ≤ 50mA
0.31
%VOUT
VIN = 17V, VOUT(NOM) = 18V, IOUT = 20mA
290
mV
VDO
Dropout voltage
VIN = 17V, VOUT(NOM) = 18V, IOUT = 50mA
0.78
1.3
V
VOUT = 90% VOUT(NOM), VIN = 7.0V, TJ ≤ +85°C
51
117
200
mA
ILIM
Current limit
VOUT = 90% VOUT(NOM), VIN = 9.0V
51
128
200
mA
7V
≤ VIN ≤ 100V, IOUT = 0mA
25
65
μA
IGND
Ground current
IOUT = 50mA
25
μA
ISHDN
Shutdown supply current
VEN = +0.4V
4.1
20
μA
I FB
Feedback current(3)
–0.1
0.01
0.1
µA
IEN
Enable current
7V
≤ VIN ≤ 100V, VIN = VEN
0.02
1.0
μA
VEN_HI
Enable high-level voltage
1.5
VIN
V
VEN_LO
Enable low- level voltage
0
0.4
V
VIN = 12V, VOUT(NOM) = VREF, COUT = 10μF,
58
μVRMS
BW = 10Hz to 100kHz
VNOISE
Output noise voltage
VIN = 12V, VOUT(NOM) = 5V, COUT = 10μF,
73
μVRMS
CBYP
(4) = 10nF, BW = 10Hz to 100kHz
VIN = 12V, VOUT(NOM) = 5V, COUT = 10μF,
PSRR
Power-supply rejection ratio
65
dB
CBYP
(4) = 10nF, f = 100Hz
Shutdown, temperature increasing
+170
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+150
°C
Operating junction temperature
TJ
–40
+125
°C
range
(1)
To ensure stability at no-load conditions, a current from the feedback resistive network greater than or equal to 10
μA is required.
(2)
Maximum input voltage is limited to 24V because of the package power dissipation limitations at full load (P
≈ (VIN – VOUT) × IOUT =
(24V
– VREF) × 50mA ≈ 1.14W). The device is capable of sourcing a maximum current of 50mA at higher input voltages as long as the
power dissipated is within the thermal limits of the package plus any external heatsinking.
(3)
IFB > 0 flows out of the device.
(4)
CBYP refers to a bypass capacitor connected to the FB and OUT pins.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS7A4001


Similar Part No. - TPS7A4001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-DIE TI1-TPS7A4001-DIE Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7A4001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR1005PD8 DIODES-ZXTR1005PD8 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005K4 DIODES-ZXTR1005K4_15 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005PD8 DIODES-ZXTR1005PD8_15 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005K4 DIODES-ZXTR1005K4 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
logo
Texas Instruments
TPS7A4001-DIE TI1-TPS7A4001-DIE Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
logo
RICOH electronics devic...
R1515X RICOH-R1515X Datasheet
847Kb / 20P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
Diodes Incorporated
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com