Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4001DGNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4001DGNR
Description  100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4001DGNR Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A4001DGNR Datasheet HTML 1Page - Texas Instruments TPS7A4001DGNR Datasheet HTML 2Page - Texas Instruments TPS7A4001DGNR Datasheet HTML 3Page - Texas Instruments TPS7A4001DGNR Datasheet HTML 4Page - Texas Instruments TPS7A4001DGNR Datasheet HTML 5Page - Texas Instruments TPS7A4001DGNR Datasheet HTML 6Page - Texas Instruments TPS7A4001DGNR Datasheet HTML 7Page - Texas Instruments TPS7A4001DGNR Datasheet HTML 8Page - Texas Instruments TPS7A4001DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPS7A4001
OUT
FB
GND
C
IN
R
1
C
BYP
C
OUT
IN
EN
V
IN
V
OUT
R
2
V
EN
V
IN
100V
2
1
3
4
7
8
6
5
FB
NC
GND
OUT
EN
NC
NC
IN
DGNPACKAGE
3mm
5mmMSOP-8PowerPAD
(TOPVIEW)
´
TPS7A4001
www.ti.com
SBVS162A
– MARCH 2011 – REVISED MARCH 2011
100V Input Voltage, 50mA, Very High Voltage
LINEAR REGULATOR
Check for Samples: TPS7A4001
1
FEATURES
DESCRIPTION
The TPS7A4001 is a very high voltage-tolerant linear
23
Very High Maximum Input Voltage: 100V
regulator
that
offers
the
benefits
of
a
Wide Input Voltage Range: 7V to 100V
thermally-enhanced package (MSOP-8), and is able
Accuracy:
to withstand continuous dc or transient input voltages
of up to 100V.
– Nominal: 1%
– Over Line, Load, and Temperature: 2.5%
The
TPS7A4001
is
stable
with
any
output
capacitance greater than 4.7
µF and any input
Low Quiescent Current: 25
µA
capacitance greater than 1
µF (over temperature and
Quiescent Current at Shutdown: 4.1
µA
tolerance). Therefore, implementations of this device
Maximum Output Current: 50mA
require
minimal
board
space
because
of
its
miniaturized packaging (MSOP-8) and a potentially
CMOS Logic-Level-Compatible Enable Pin
small output capacitor. In addition, the TPS7A4001
Adjustable Output Voltage from ~1.175V to 90V
offers an enable pin (EN) compatible with standard
Stable with Ceramic Capacitors:
CMOS logic to enable a low-current shutdown mode.
– Input Capacitance: ≥ 1µF
The TPS7A4001 has an internal thermal shutdown
– Output Capacitance: ≥ 4.7µF
and current limiting to protect the system during fault
conditions. The MSOP-8 packages has an operating
Dropout Voltage: 290mV
temperature range of TJ = –40°C to +125°C.
Built-In Current-Limit and Thermal Shutdown
In addition, the TPS7A4001 is ideal for generating a
Protection
low-voltage supply from intermediate voltage rails in
Package: High Thermal Performance MSOP-8
telecom and industrial applications; not only it can
PowerPAD
supply a well-regulated voltage rail, but it can also
Operating Temperature Range:
–40°C to
withstand and maintain regulation during very high
+125
°C
and fast voltage transients. These features translate
to
simpler
and
more
cost-effective
electrical
surge-protection
circuitry
for
a
wide
range
of
APPLICATIONS
applications, including PoE, bias supply, and LED
Microprocessors, Microcontrollers Powered by
lighting.
Industrial Busses with High Voltage Transients
Industrial Automation
Typical Application
Telecom Infrastrucure
Automotive
Power over Ethernet (PoE)
LED Lighting
Bias Power Supplies
Post DC/DC Converter Regulation for
High-Performace Analog Circuitry
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS7A4001DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-DIE TI1-TPS7A4001-DIE Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7A4001DGNR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR1005PD8 DIODES-ZXTR1005PD8 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005K4 DIODES-ZXTR1005K4_15 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005PD8 DIODES-ZXTR1005PD8_15 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005K4 DIODES-ZXTR1005K4 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
logo
Texas Instruments
TPS7A4001-DIE TI1-TPS7A4001-DIE Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
logo
RICOH electronics devic...
R1515X RICOH-R1515X Datasheet
847Kb / 20P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
Diodes Incorporated
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com