Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4101DGNR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4101DGNR
Description  50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4101DGNR Datasheet(HTML) 2 Page - Texas Instruments

  TPS7A4101DGNR Datasheet HTML 1Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 2Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 3Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 4Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 5Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 6Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 7Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 8Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS7A41
SBVS183
– DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
TPS7A4101 yyy z
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
MIN
MAX
UNIT
IN pin to GND pin
–0.3
+55
V
OUT pin to GND pin
–0.3
+55
V
OUT pin to IN pin
–55
+0.3
V
Voltage
FB pin to GND pin
–0.3
+2
V
FB pin to IN pin
–55
+0.3
V
EN pin to IN pin
–55
0.3
EN pin to GND pin
–0.3
+55
V
Current
Peak output
Internally limited
Operating virtual junction, TJ
–40
+125
°C
Temperature
Storage, Tstg
–65
+150
°C
Human body model (HBM)
2.5
kV
Electrostatic discharge rating
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS7A4001
THERMAL METRIC(1)
DGN
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance
55.09
θJC(top)
Junction-to-case(top) thermal resistance
8.47
θJB
Junction-to-board thermal resistance
°C/W
ψJT
Junction-to-top characterization parameter
0.36
ψJB
Junction-to-board characterization parameter
14.6
θJC(bottom)
Junction-to-case(bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
DISSIPATION RATINGS
DERATING FACTOR
TA ≤ +25°C POWER
TA = +70°C POWER
TA = +85°C POWER
BOARD
PACKAGE
RθJA
RθJC
ABOVE TA = +25°C
RATING
RATING
RATING
High-K(1)
DGN
55.9
°C/W
8.47
°C/W
16.6mW/
°C
1.83W
1.08W
0.833W
(1)
The JEDEC High-K (2s2p) board design used to derive this data was a 3-inch x 3-inch multilayer board with 2-ounce internal power and
ground planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS7A41


Similar Part No. - TPS7A4101DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7A4101DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com