Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4901 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS7A4901
Description  36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4901 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7A4901 Datasheet HTML 4Page - Texas Instruments TPS7A4901 Datasheet HTML 5Page - Texas Instruments TPS7A4901 Datasheet HTML 6Page - Texas Instruments TPS7A4901 Datasheet HTML 7Page - Texas Instruments TPS7A4901 Datasheet HTML 8Page - Texas Instruments TPS7A4901 Datasheet HTML 9Page - Texas Instruments TPS7A4901 Datasheet HTML 10Page - Texas Instruments TPS7A4901 Datasheet HTML 11Page - Texas Instruments TPS7A4901 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
2.5
2
1.5
1
0.5
0
ON
OFF
10
100
100k
1M
Frequency(Hz)
10M
90
80
70
60
50
40
30
20
10
0
10k
1k
V
=5V
V
=6.2V
I
=150mA
C
=10nF
C
=10nF
OUT
IN
OUT
NR/SS
BYP
C
=10 F
m
OUT
C
=2.2 F
m
OUT
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
0
V
(V)
IN
40
5
10
15
20
25
30
35
10
100
100k
1M
Frequency(Hz)
10M
10k
1k
90
80
70
60
50
40
30
20
10
0
V
=1.2V
V
=3.2V
I
=150mA
C
=10 F
C
=0nF
OUT
IN
OUT
OUT
BYP
m
C
=0nF
NR/SS
C
=10nF
NR/SS
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0
I
(mA)
OUT
150
15
30
45
60
75
90
105
120
135
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
10
100
100k
1M
Frequency(Hz)
10M
10k
1k
90
80
70
60
50
40
30
20
10
0
V
=5V
V
=6.2V
I
=150mA
C
=10 F
C
=10nF
OUT
IN
OUT
OUT
NR/SS
m
C
=10nF
BYP
C
=0nF
BYP
TPS7A49xx
SBVS121B – AUGUST 2010 – REVISED JANUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 1.0V or VIN = 3.0V (whichever is greater), VEN = VIN, IOUT = 1mA, CIN = 2.2mF, COUT
= 2.2mF, CNR/SS = 0nF, and the FB pin tied to OUT, unless otherwise noted.
ENABLE THRESHOLD VOLTAGE vs TEMPERATURE
POWER-SUPPLY REJECTION RATIO vs COUT
Figure 13.
Figure 14.
LINE REGULATION
POWER-SUPPLY REJECTION RATIO vs CNR/SS
Figure 15.
Figure 16.
LOAD REGULATION
POWER-SUPPLY REJECTION RATIO vs CBYP
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - TPS7A4901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901DGNT TI-TPS7A4901DGNT Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNT TI-TPS7A4901DGNT Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901DRBR TI-TPS7A4901DRBR Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
More results

Similar Description - TPS7A4901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A49XX TI-TPS7A49XX_10 Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
logo
AiT Semiconductor Inc.
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com