Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4901 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7A4901
Description  36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4901 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A4901 Datasheet HTML 1Page - Texas Instruments TPS7A4901 Datasheet HTML 2Page - Texas Instruments TPS7A4901 Datasheet HTML 3Page - Texas Instruments TPS7A4901 Datasheet HTML 4Page - Texas Instruments TPS7A4901 Datasheet HTML 5Page - Texas Instruments TPS7A4901 Datasheet HTML 6Page - Texas Instruments TPS7A4901 Datasheet HTML 7Page - Texas Instruments TPS7A4901 Datasheet HTML 8Page - Texas Instruments TPS7A4901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2
1
3
4
7
8
6
5
FB
NC
GND
OUT
EN
NR/SS
DNC
IN
DGNPACKAGE
3mm
5mmMSOP-8PowerPAD
(TOPVIEW)
´
TPS7A49
IN
+18V
OUT
EN
GND
-18V
TPS7A30
IN
OUT
EN
GND
EVM
+15V
-15V
TPS7A49xx
www.ti.com
SBVS121B – AUGUST 2010 – REVISED JANUARY 2010
+36V, +150mA, Ultralow-Noise, Positive LINEAR REGULATOR
1
FEATURES
DESCRIPTION
23
Input Voltage Range: +3V to +36V
The TPS7A49xx series of devices are positive,
high-voltage (+36V), ultralow noise (15.4mVRMS, 72dB
Noise:
PSRR) linear regulators capable of sourcing a load of
12.7mVRMS (20Hz to 20kHz)
150mA.
15.4mVRMS (10Hz to 100kHz)
These
linear
regulators
include
a
CMOS
Power-Supply Ripple Rejection:
logic-level-compatible
enable
pin
and
72dB (120Hz)
capacitor-programmable soft-start function that allows
for customized power-management schemes. Other
≥ 52dB (10Hz to 400kHz)
features available include built-in current limit and
Adjustable Output: +1.194V to +33V
thermal shutdown protection to safeguard the device
Output Current: 150mA
and system during fault conditions.
Dropout Voltage: 260mV at 100mA
The TPS7A49xx family is designed using bipolar
Stable with Ceramic Capacitors
≥ 2.2mF
technology,
and
is
ideal
for
high-accuracy,
high-precision
instrumentation
applications
where
CMOS Logic-Level-Compatible Enable Pin
clean voltage rails are critical to maximize system
Built-In, Fixed, Current-Limit and Thermal
performance. This design makes it an excellent
Shutdown Protection
choice
to
power
operational
amplifiers,
Available in High Thermal Performance
analog-to-digital converters (ADCs), digital-to-analog
MSOP-8 PowerPAD™ Package
converters
(DACs),
and
other
high-performance
analog circuitry.
Operating Tempature Range: –40°C to +125°C
In addition, the TPS7A49xx family of linear regulators
APPLICATIONS
is suitable for post dc/dc converter regulation. By
filtering out the output voltage ripple inherent to dc/dc
Supply Rails for Op Amps, DACs, ADCs, and
switching conversion, maximum system performance
Other High-Precision Analog Circuitry
is provided in sensitive instrumentation, test and
Audio
measurement, audio, and RF applications.
Post DC/DC Converter Regulation and Ripple
Filtering
For applications where both positive and negative
high-performance rails are required, consider TI’s
Test and Measurement
TPS7A30xx
family
of
negative
high-voltage,
RX, TX, and PA Circuitry
ultralow-noise linear regulators as well.
Industrial Instrumention
Base Stations and Telecom Infrastrucure
Typical Application
Post DC/DC Converter Regulation for
High-Performace Analog Circuitry
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS7A4901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901DGNT TI-TPS7A4901DGNT Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNT TI-TPS7A4901DGNT Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901DRBR TI-TPS7A4901DRBR Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
More results

Similar Description - TPS7A4901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A49XX TI-TPS7A49XX_10 Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
logo
AiT Semiconductor Inc.
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com