Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4901DGNR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4901DGNR
Description  36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4901DGNR Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A4901DGNR Datasheet HTML 1Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 2Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 3Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 4Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 5Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 6Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 7Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 8Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2
1
3
4
7
8
6
5
FB
NC
GND
OUT
EN
NR/SS
DNC
IN
TPS7A49xx
www.ti.com
SBVS121B – AUGUST 2010 – REVISED JANUARY 2010
PIN CONFIGURATION
DGN PACKAGE
MSOP-8
(TOP VIEW)
PIN DESCRIPTIONS
TPS7A49xx
NAME
NO.
DESCRIPTION
OUT
1
Regulator output. A capacitor
≥ 2.2mF must be tied from this pin to ground to assure stability.
FB
2
This pin is the input to the control-loop error amplifier. It is used to set the output voltage of the device.
NC
3
Not internally connected. This pin may either be left open or tied to GND.
GND
4
Ground
This pin turns the regulator on or off. If VEN ≥ VEN_HI, the regulator is enabled.
EN
5
If VEN_LO ≥ VEN, the regulator is disabled. The EN pin can be connected to IN, if not used. VEN ≤ VIN.
Noise reduction pin. Connecting an external capacitor to this pin bypasses noise generated by the internal bandgap.
NR/SS
6
This capacitor allows RMS noise to be reduced to very low levels and also controls the soft-start function.
DNC
7
DO NOT CONNECT. Do not route this pin to any electrical net, not even GND or IN.
IN
8
Input supply
PowerPAD
Must either be left open or tied to ground. Solder to printed circuit board (PCB) plane to enhance thermal performance.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS7A4901DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
More results

Similar Description - TPS7A4901DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A49XX TI-TPS7A49XX_10 Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
logo
AiT Semiconductor Inc.
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com