Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2041BMDBVTEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2041BMDBVTEP
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2041BMDBVTEP Datasheet(HTML) 1 Page - Texas Instruments

  TPS2041BMDBVTEP Datasheet HTML 1Page - Texas Instruments TPS2041BMDBVTEP Datasheet HTML 2Page - Texas Instruments TPS2041BMDBVTEP Datasheet HTML 3Page - Texas Instruments TPS2041BMDBVTEP Datasheet HTML 4Page - Texas Instruments TPS2041BMDBVTEP Datasheet HTML 5Page - Texas Instruments TPS2041BMDBVTEP Datasheet HTML 6Page - Texas Instruments TPS2041BMDBVTEP Datasheet HTML 7Page - Texas Instruments TPS2041BMDBVTEP Datasheet HTML 8Page - Texas Instruments TPS2041BMDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
3
5
4
IN
EN
OC
GND
GND
OUT
DBV PACKAGE
(TOP VIEW)
TPS2041B-EP
www.ti.com
SLVSAX8
– SEPTEMBER 2011
CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
Check for Samples: TPS2041B-EP
1
FEATURES
APPLICATIONS
70-m
Ω High-Side MOSFET
Heavy Capacitive Loads
500-mA Continuous Current
Short-Circuit Protection
Thermal and Short-Circuit Protection
SUPPORTS DEFENSE, AEROSPACE,
Current Limit:
AND MEDICAL APPLICATIONS
0.45 A (Min), 1.55 A (Max)
Controlled Baseline
Operating Range: 2.7 V to 5.5 V
One Assembly/Test Site
0.6-ms Typical Rise Time
One Fabrication Site
Undervoltage Lockout
Available in Military (
–55°C/125°C)
Deglitched Fault Report (OC)
Temperature Range
No OC Glitch During Power Up
Extended Product Life Cycle
Maximum Standby Supply Current: 1
μA
Extended Product-Change Notification
Bidirectional Switch
Product Traceability
ESD Protection Level Per AEC-Q100
Classification
UL Recognized, File Number E169910
DESCRIPTION
The TPS2041B power-distribution switch is intended for applications where heavy capacitive loads and short
circuits are likely to be encountered. This device incorporates 70-m
Ω N-channel MOSFET power switches for
power-distribution systems that require multiple power switches in a single package. Each switch is controlled by
a logic enable input. Gate drive is provided by an internal charge pump designed to control the power-switch rise
times and fall times to minimize current surges during switching. The charge pump requires no external
components and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the device limits the output current
to a safe level by switching into a constant-current mode, pulling the overcurrent (OC) logic output low. When
continuous heavy overloads and short circuits increase the power dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a thermal
shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures that the switch remains
off until valid input voltage is present. This power-distribution switch is designed to set current limit at 1 A (typ).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2041BMDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2041B TI-TPS2041B Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B TI1-TPS2041B Datasheet
1Mb / 52P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2041BMDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2066-Q1 TI1-TPS2066-Q1 Datasheet
851Kb / 24P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
TPS2068-Q1 TI1-TPS2068-Q1 Datasheet
762Kb / 24P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
ACE Technology Co., LTD...
ACE3555R ACE-ACE3555R Datasheet
909Kb / 11P
   1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Will Semiconductor Ltd.
WS4601 WILLSEMI-WS4601 Datasheet
1Mb / 10P
   80m廓, Current Limited, Power Distribution Switch
WS4611 WILLSEMI-WS4611 Datasheet
880Kb / 10P
   80m廓, Current Limited, Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com