Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2066-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2066-Q1
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2066-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2066-Q1 Datasheet HTML 4Page - Texas Instruments TPS2066-Q1 Datasheet HTML 5Page - Texas Instruments TPS2066-Q1 Datasheet HTML 6Page - Texas Instruments TPS2066-Q1 Datasheet HTML 7Page - Texas Instruments TPS2066-Q1 Datasheet HTML 8Page - Texas Instruments TPS2066-Q1 Datasheet HTML 9Page - Texas Instruments TPS2066-Q1 Datasheet HTML 10Page - Texas Instruments TPS2066-Q1 Datasheet HTML 11Page - Texas Instruments TPS2066-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2
3
4
5
6
VI − Input Voltage − V
CL = 100 mF,
RL = 5 W,
TA = 255C
1.5
1.6
1.7
1.8
1.9
2
2
3
4
5
6
CL = 100 mF,
RL = 5 W,
TA = 255C
VI − Input Voltage − V
0
0.1
0.2
0.3
0.4
0.5
0.6
2
3
4
5
6
VI − Input Voltage − V
CL = 1 mF,
RL = 5 W,
TA = 255C
0
0.05
0.1
0.15
0.2
0.25
2
3
4
5
6
CL = 1 mF,
RL = 5 W,
TA = 255C
VI − Input Voltage − V
TPS2066-Q1
SLVSB37
– SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
TURN-ON TIME
TURN-OFF TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 10.
Figure 11.
RISE TIME
FALL TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2066-Q1


Similar Part No. - TPS2066-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2066-1 TI-TPS2066-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066-1 TI1-TPS2066-1 Datasheet
1Mb / 32P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2066-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2041B-EP TI1-TPS2041B-EP Datasheet
792Kb / 25P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2068-Q1 TI1-TPS2068-Q1 Datasheet
762Kb / 24P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
ACE Technology Co., LTD...
ACE3555R ACE-ACE3555R Datasheet
909Kb / 11P
   1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Will Semiconductor Ltd.
WS4601 WILLSEMI-WS4601 Datasheet
1Mb / 10P
   80m廓, Current Limited, Power Distribution Switch
WS4611 WILLSEMI-WS4611 Datasheet
880Kb / 10P
   80m廓, Current Limited, Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com