Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2068IDGNRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2068IDGNRQ1
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2068IDGNRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2068IDGNRQ1 Datasheet HTML 1Page - Texas Instruments TPS2068IDGNRQ1 Datasheet HTML 2Page - Texas Instruments TPS2068IDGNRQ1 Datasheet HTML 3Page - Texas Instruments TPS2068IDGNRQ1 Datasheet HTML 4Page - Texas Instruments TPS2068IDGNRQ1 Datasheet HTML 5Page - Texas Instruments TPS2068IDGNRQ1 Datasheet HTML 6Page - Texas Instruments TPS2068IDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPS2068IDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPS2068IDGNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS2068-Q1
www.ti.com ................................................................................................................................................................................................ SLVS999 – AUGUST 2009
ELECTRICAL CHARACTERISTICS
–40°C
≤ TJ ≤ 105° VI(IN) = 5.5 V, IO = 1 A, VI(EN) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
POWER SWITCH
Static drain-source on-state resistance,
VI(IN) = 5 V or 3.3 V, IO = 1.5 A
70
150
m
5-V operation and 3.3-V operation
rDS(on)
Static drain-source on-state resistance,
VI(IN) = 2.7 V, IO = 1.5 A
75
150
m
2.7-V operation
VI(IN) = 5.5 V
0.6
1.5
tr
Rise time, output(2)
VI(IN) = 2.7 V
0.4
1
CL = 1 μF,
TJ =25°C
ms
RL = 5 Ω
VI(IN) = 5.5 V
0.05
0.5
tf
Fall time, output(2)
VI(IN) = 2.7 V
0.05
0.5
ENABLE INPUT EN
VIH
High-level input voltage
2.7 V < VI(IN) < 5.5 V
2
V
VIL
Low-level input voltage
2.7 V < VI(IN) < 5.5 V
0.8
II
Input current
VI(EN) = 0 V or 5.5 V
-0.5
0.5
μA
ton
Turn-on time(2)
CL = 100 μF, RL = 5 Ω
3
ms
toff
Turn-off time(2)
CL = 100 μF, RL = 5 Ω
10
CURRENT LIMIT
VI(IN) = 5 V, OUT connected to GND,
IOS
Short-circuit output current
1.6
2.1
2.6
A
Device enabled into short-circuit
IOC_TRIP
Overcurrent trip threshold(2)
VI(IN) = 5 V, Current ramp (≤ 100 A/s) on OUT
2.3
2.85
3.4
A
VI(IN) = 5 V, OUT connected to GND, Device enabled into
IOS
(3)
Short-circuit output current(2)
3.2
4.2
5.2
A
short-circuit, current measured at VI(IN)
TJ = 25°C
0.5
1
IOL
Supply current, low-level output
No load on OUT, VI(EN) = 5.5 V
μA
Over TJ range
0.5
5
TJ = 25°C
43
60
IOH
Supply current, high-level output
No load on OUT, VI(EN) = 0 V
μA
Over TJ range
43
70
Ilkg
Leakage current
OUT connected to ground, VI(EN) = 5.5 V
1
μA
Reverse leakage current
VI(OUT) = 5.5 V, IN = ground
TJ = 25°C
0.2
μA
UNDERVOLTAGE LOCKOUT
Low-level input voltage, IN
2
2.5
V
Hysteresis, IN
TJ = 25°C
75
mV
OVERCURRENT OC
VOL(OC)
Output low voltage
IO(OC) = 5 mA
0.4
V
Off-state current
VO(OC) = 5 V or 3.3 V
1
μA
OC deglitch(2)
OC assertion or deassertion
4
8
15
ms
THERMAL SHUTDOWN(4)
Thermal shutdown threshold(2)
135
°C
Recovery from thermal shutdown(2)
125
°C
Hysteresis
10
°C
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
Specified by design
(3)
This configuration has not been tested for UL certification.
(4)
The thermal shutdown only reacts under overcurrent conditions.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2068-Q1


Similar Part No. - TPS2068IDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2068 TI-TPS2068 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068 TI1-TPS2068 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068 TI1-TPS2068 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068C TI1-TPS2068C Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2068CDGN TI1-TPS2068CDGN Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2068IDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2041B-EP TI1-TPS2041B-EP Datasheet
792Kb / 25P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2066-Q1 TI1-TPS2066-Q1 Datasheet
851Kb / 24P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
ACE Technology Co., LTD...
ACE3555R ACE-ACE3555R Datasheet
909Kb / 11P
   1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Will Semiconductor Ltd.
WS4601 WILLSEMI-WS4601 Datasheet
1Mb / 10P
   80m廓, Current Limited, Power Distribution Switch
WS4611 WILLSEMI-WS4611 Datasheet
880Kb / 10P
   80m廓, Current Limited, Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com